データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD820ARMZ-R7

  • AI
    ## Overview of the AD820ARMZ-R7 The **AD820ARMZ-R7** is a high-precision, low-power, FET-input operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed to offer a combination of high input impedance, low noise, and rail-to-rail output capabilities, making it ideal for battery-powered and precision instrumentation applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | JFET (High Impedance) | | **Number of Channels** | 1 (Single Op-Amp) | | **Supply Voltage (Single)** | 5V to 36V | | **Supply Voltage (Dual)** | ±2.5V to ±18V | | **Rail-to-Rail** | Output only | | **Gain Bandwidth Product** | 1.8 MHz | | **Slew Rate** | 3 V/µs | | **Input Bias Current** | 25 pA (Typical) | | **Package / Case** | 8-MSOP (Mini Small Outline Package) | --- ### 2. Core Features * **JFET Input Stage:** The use of Junction Field-Effect Transistors at the input allows for extremely low input bias currents (picoampere range). This is crucial when interfacing with high-impedance sensors. * **Single-Supply Operation:** Unlike many traditional op-amps that require positive and negative rails, the AD820 can operate from a single power supply as low as 5V, with the input common-mode range extending to the negative rail (ground). * **Rail-to-Rail Output:** The output can swing within millivolts of the supply rails, maximizing the dynamic range of the signal, especially in low-voltage systems. * **Low Power Consumption:** It typically draws only 700 µA of quiescent current, making it suitable for portable electronics. --- ### 3. Part Number Breakdown (AD820ARMZ-R7) Understanding the suffix helps in identifying the specific physical and packaging attributes: | Segment | Meaning | | :--- | :--- | | **AD820** | Base model number (Precision JFET Op-Amp) | | **A** | Performance grade (Standard grade) | | **RM** | Package designator for **MSOP-8** | | **Z** | RoHS compliant (Lead-free) | | **R7** | Packaging format: **7-inch Tape and Reel** (typically 1,000 pieces) | --- ### 4. Typical Applications The AD820 is widely used in circuits where signal integrity and power efficiency are paramount: * **Photodiode Preamps:** Low bias current ensures accurate conversion of light to voltage. * **Battery-Powered Instrumentation:** Low current draw extends battery life. * **Medical Equipment:** High input impedance is necessary for biological signal monitoring. * **Precision Filters:** Stable performance across a wide voltage range.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD820 and the AD822?
    • ⤷ How does the JFET input compare to a CMOS input in terms of noise?
    • ⤷ Can the AD820 handle capacitive loads without oscillating?