データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8212YRMZ-R7

  • AI
    ## Technical Overview: AD8212YRMZ-R7 The **AD8212YRMZ-R7** is a high-voltage, precision shunt monitor (current sense amplifier) manufactured by Analog Devices. It is specifically designed to measure small differential voltages across a sense resistor in the presence of high common-mode voltages. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | MSOP-8 (Mini Small Outline Package) | | **Common-Mode Voltage Range** | 7 V to 65 V (Standard); up to >500 V with external FET | | **Supply Voltage Range** | 7 V to 65 V | | **Operating Temperature** | -40°C to +125°C | | **Output Type** | Current Output (requires external resistor to set gain) | | **Accuracy** | High precision with low offset drift | --- ### 2. Functional Architecture The AD8212 uses a unique architecture that allows it to operate safely at high voltages while maintaining high accuracy. * **Current Output Stage:** Unlike many amplifiers that provide a voltage output, the AD8212 produces an output current proportional to the differential input voltage. * **External Gain Setting:** Users can set the final output voltage range by choosing an appropriate external load resistor ($R_{out}$). This provides flexibility for interfacing with different ADCs. * **High-Voltage Capability:** While the IC can natively handle up to 65V, it can be configured with an external high-voltage transistor (PNP) to monitor rails exceeding 500V, as the IC's internal circuitry is floated. --- ### 3. Application Use Cases This component is widely used in power management and industrial automation. 1. **High-Side Current Sensing:** Monitoring current at the positive terminal of a battery or power supply. 2. **Motor Control:** Real-time feedback of current consumption in DC motors. 3. **Battery Management Systems (BMS):** Tracking charge and discharge cycles in high-voltage battery packs. 4. **48V Telecom Systems:** Monitoring power distribution in networking hardware. --- ### 4. Typical Circuit Configuration To use the AD8212, the following external components are typically required: 1. **Shunt Resistor ($R_{shunt}$):** Placed in the load path to create a small voltage drop. 2. **$R_{in}$ Resistors:** Convert the differential voltage into a current. 3. **$R_{out}$ Resistor:** Converts the output current back into a measurable voltage for a microcontroller or ADC. --- ### 5. Packaging and Delivery The **-R7** suffix indicates the packaging format: * **Package:** MSOP-8 (very small footprint for space-constrained designs). * **Packing:** Tape and Reel (7-inch reel), typically containing 1,000 units, optimized for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the gain for the AD8212 using external resistors?
    • ⤷ What is the specific advantage of using a current-output sense amplifier over a voltage-output one?
    • ⤷ Can you explain the circuit modifications needed to monitor voltages above 65V?