データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8221ARMZ-R7

  • AI
    ## Overview of the AD8221ARMZ-R7 The **AD8221ARMZ-R7** is a high-performance, precision instrumentation amplifier manufactured by **Analog Devices**. It is widely recognized in the industry for its industry-leading Common-Mode Rejection Ratio (CMRR) over a wide frequency range. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the AD8221ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Instrumentation Amplifier | | **Package** | 8-MSOP (Mini Small Outline Package) | | **Gain Range** | 1 to 1000 (Set by a single external resistor) | | **CMRR (Minimum)** | 80 dB to 110 dB (depending on Gain) | | **Input Offset Voltage** | 60 µV (Maximum) | | **Input Bias Current** | 2 nA (Maximum) | | **Supply Voltage Range** | ±2.3 V to ±18 V (Dual) or 4.6 V to 36 V (Single) | | **Bandwidth (-3dB)** | 825 kHz (at G=1) | | **Slew Rate** | 2 V/µs | --- ### Key Features and Functional Parts #### 1. Gain Programming Unlike standard operational amplifiers, the gain of the AD8221 is set by a **single external resistor ($R_G$)**. The relationship is defined by the formula: `G = 1 + (49.4 kΩ / RG)` #### 2. High Common-Mode Rejection (CMRR) The "ARMZ" variant is engineered to maintain high CMRR even at higher frequencies (up to 10 kHz). This is critical for rejecting line noise (50Hz/60Hz) and harmonic interference in industrial environments. #### 3. Precision Input Stage The internal architecture uses a classic **three-op-amp topology**. The input stage is designed with low-bias-current transistors to minimize errors when interfacing with high-impedance sensors. #### 4. Package Suffix Breakdown * **AD8221**: Base model number. * **ARMZ**: Indicates the package type (MSOP) and RoHS compliance (Z). * **R7**: Refers to the "7-inch reel" packaging for automated SMT assembly. --- ### Common Applications * **Medical Instrumentation:** ECG and EEG monitoring where small signals are buried in noise. * **Industrial Process Control:** Precise amplification for weight scales and pressure sensors. * **Precision Data Acquisition:** Interfacing sensors with high-resolution ADCs. * **Strain Gages:** Bridging circuits for mechanical stress measurement. --- ### Example Circuit Implementation To set a gain of **10**, the external resistor value would be calculated as follows: ```python # Calculating RG for a Gain of 10 Target_Gain = 10 RG = 49400 / (Target_Gain - 1) print(f"Required Resistor: {RG:.2f} Ohms") # Output: Required Resistor: 5488.89 Ohms ```
    ✨ Follow-up Questions
    • ⤷ How does the AD8221 compare to the AD620 in terms of performance?
    • ⤷ What is the specific pinout configuration for the 8-MSOP package?
    • ⤷ Can the AD8221 be used in a single-supply configuration?