データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8222ACPZ-R7

  • AI
    ## AD8222ACPZ-R7: Technical Overview The **AD8222ACPZ-R7** is a high-performance, dual-channel instrumentation amplifier manufactured by Analog Devices. It is designed for precision signal conditioning where high CMRR (Common-Mode Rejection Ratio) and low noise are critical. ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Channels** | Dual (2 independent amplifiers) | | **Package** | LFCSP-16 (4mm x 4mm) | | **Gain Range** | 1 to 1000 (Set by a single resistor) | | **Common-Mode Rejection (CMRR)** | 126 dB (min) at G=1000 | | **Bandwidth** | 1.2 MHz (G=1) | | **Input Offset Voltage** | 60 μV (max) | | **Input Bias Current** | 10 nA (max) | | **Supply Voltage Range** | ±2.3 V to ±18 V | --- ### 2. Core Features and Functionality #### Dual-Channel Architecture Unlike standard instrumentation amplifiers, the AD8222 contains two amplifiers in a single small package. This makes it ideal for differential signal processing in multi-channel systems (like ECG/EEG) or space-constrained PCB designs. #### Precision Performance The device is laser-trimmed at the wafer level. This results in: * **High CMRR:** It is exceptionally good at rejecting noise that is common to both input lines (e.g., 60Hz hum). * **Low Drift:** The offset voltage remains stable over temperature changes, ensuring long-term accuracy. #### Flexible Gain Setting The gain ($G$) of each channel is programmed by connecting a single external resistor ($R_G$) between the gain pins. The formula is: $$G = 1 + \frac{49.4\text{ k}\Omega}{R_G}$$ --- ### 3. Pin Configuration (LFCSP-16) | Pin Type | Description | | :--- | :--- | | **+IN / -IN** | Non-inverting and Inverting differential inputs. | | **RG** | Gain resistor connection points. | | **REF** | Reference voltage input; determines the output "zero" level. | | **V+ / V-** | Power supply pins (supports single or dual rails). | | **OUT** | Signal output. | --- ### 4. Typical Applications * **Medical Instrumentation:** ECG and patient monitoring. * **Industrial Process Control:** Weight scales and pressure sensor interfaces. * **Data Acquisition:** High-density multi-channel systems. * **Precision Current Sensing:** Shunt resistor amplification. ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8222 compare to the AD8221 in terms of performance and footprint?
    • ⤷ What is the recommended layout strategy for the LFCSP package to minimize thermal noise?
    • ⤷ Can the AD8222 operate on a single 5V power supply?