データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8223ARM-R7

  • AI
    ## Technical Overview: AD8223ARM-R7 The **AD8223ARM-R7** is a precision instrumentation amplifier designed by Analog Devices. It is specifically engineered to be a low-cost, single-supply, rail-to-rail output device, making it ideal for battery-powered and portable applications. --- ### 1. Key Technical Specifications Below are the critical electrical parameters for the AD8223ARM-R7: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Instrumentation | | **Number of Circuits** | 1 | | **Supply Voltage (Single)** | 3V to 25V | | **Supply Voltage (Dual)** | ±1.5V to ±12.5V | | **Gain Range** | 5 to 1000 (Set by one external resistor) | | **Bandwidth (-3dB)** | 200 kHz | | **Slew Rate** | 0.3 V/µs | | **Common Mode Rejection Ratio (CMRR)** | 80 dB (Minimum) | | **Package / Case** | 8-TSSOP, 8-MSOP (3.00mm Width) | --- ### 2. Core Functional Components The AD8223 operates using a modified **three-op-amp architecture**, which allows it to extract small differential signals while rejecting large common-mode noise. * **Gain Resistor ($R_G$):** Unlike standard op-amps that use feedback loops for gain, this IC uses a single external resistor across pins 1 and 8 to set the gain. * *Formula:* $Gain = 5 + \frac{100k\Omega}{R_G}$ * **Rail-to-Rail Output:** The output can swing very close to the positive and negative supply rails, maximizing the dynamic range of the signal. * **Input Stage:** Designed for high input impedance, ensuring that the amplifier does not "load down" the sensors it is measuring. --- ### 3. Pin Configuration The AD8223ARM-R7 follows a standard 8-pin layout: | Pin # | Label | Description | | :--- | :--- | :--- | | 1 | **$R_G$** | Gain setting resistor terminal | | 2 | **-IN** | Inverting Input | | 3 | **+IN** | Non-inverting Input | | 4 | **-V$_S$** | Negative Supply (or Ground for single-supply) | | 5 | **REF** | Reference Pin (Sets the output zero level) | | 6 | **OUT** | Output Terminal | | 7 | **+V$_S$** | Positive Supply | | 8 | **$R_G$** | Gain setting resistor terminal | --- ### 4. Common Applications Due to its low power consumption and high precision, it is frequently used in: 1. **Medical Instrumentation:** ECG and non-invasive blood pressure monitors. 2. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. 3. **Portable Data Acquisition:** Battery-operated equipment requiring high CMRR. 4. **Sensor Interfaces:** Thermocouples and strain gauges. --- ### 5. Ordering Information Meaning * **AD8223:** Part family number. * **ARM:** Refers to the package type (MSOP/TSSOP). * **R7:** Indicates the packaging format (7-inch Tape and Reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor value for a gain of 100?
    • ⤷ What is the importance of the REF pin in a single-supply system?
    • ⤷ How does the AD8223 differ from the AD623?