データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8223ARMZ-R7

  • AI
    ## Overview of AD8223ARMZ-R7 The **AD8223ARMZ-R7** is an integrated, single-supply, rail-to-rail instrumentation amplifier manufactured by Analog Devices. It is designed to amplify small differential signals in the presence of large common-mode voltages, making it ideal for precision sensor applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Package Type** | MSOP-8 (Mini Small Outline Package) | | **Supply Voltage** | 3V to 12V (Single) / ±1.5V to ±6V (Dual) | | **Gain Range** | 1 to 1,000 (Set by one external resistor) | | **Input Type** | Rail-to-Rail Input | | **Output Type** | Rail-to-Rail Output | | **Bandwidth** | 200 kHz (G=1) | | **Power Consumption** | Low (Max 800 µA supply current) | --- ### 2. Functional Characteristics #### Gain Programming The gain of the AD8223 is set using a single external resistor ($R_G$). If no resistor is connected, the device defaults to **G = 1**. The formula to calculate the gain is: `Gain = 1 + (100 kΩ / R_G)` #### Input and Output Performance * **Rail-to-Rail:** Unlike traditional amplifiers that clip near the power rails, the AD8223 can handle input and output swings very close to the positive and negative supply voltages. * **CMRR (Common-Mode Rejection Ratio):** It maintains high CMRR (up to 80 dB at G=10) even at low frequencies, which is critical for rejecting 50/60 Hz line noise. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **-IN** | Inverting Input | | 2 | **RG** | Gain Resistor Connection | | 3 | **RG** | Gain Resistor Connection | | 4 | **+IN** | Non-Inverting Input | | 5 | **-Vs** | Negative Supply (or Ground) | | 6 | **REF** | Reference Pin (Sets output offset) | | 7 | **Vout** | Output Signal | | 8 | **+Vs** | Positive Supply | --- ### 4. Common Applications * **Medical Instrumentation:** ECG and blood pressure monitoring. * **Industrial Process Control:** Bridge amplifiers for pressure or strain gauges. * **Data Acquisition:** Interfacing sensors with ADCs in battery-powered systems. * **Portable Devices:** Due to its low power consumption and wide supply range. --- ### 5. Part Number Breakdown * **AD8223:** The core model number. * **ARMZ:** Indicates the package (MSOP) and RoHS compliance (Z). * **R7:** Refers to the "7-inch reel" packaging for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor value for a gain of 100?
    • ⤷ What is the importance of the REF pin in single-supply operation?
    • ⤷ How does the AD8223 compare to the AD623?