データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8226ARMZ-R7

  • AI
    ### Overview of AD8226ARMZ-R7 The **AD8226ARMZ-R7** is a high-performance, low-cost instrumentation amplifier manufactured by **Analog Devices**. It is designed to extract small differential signals in the presence of large common-mode noise. It is widely used in industrial and medical applications due to its rail-to-rail output and wide supply range. --- ### Technical Specifications The table below outlines the core electronic characteristics of the AD8226ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Supply Voltage (Single)** | +2.2 V to +36 V | | **Supply Voltage (Dual)** | ±1.35 V to ±18 V | | **Gain Range** | 1 to 1000 (Set by a single resistor $R_G$) | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB min (G=1), 100 dB min (G=100) | | **Input Offset Voltage** | 200 µV (max) | | **Output Type** | Rail-to-Rail | | **Package** | 8-Lead MSOP (RM-8) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **Gain Selection**: The gain is determined by the external resistor connected between the $R_G$ pins. The formula used is: $$G = 1 + \frac{49.4\text{ k}\Omega}{R_G}$$ *If no resistor is used, the device operates at unity gain ($G=1$).* 2. **Wide Input Range**: It can handle input signals that go below the negative supply rail, which is critical for single-supply operations (like battery-powered sensors). 3. **Low Quiescent Current**: Drawing only approximately **350 µA**, it is highly efficient for portable and remote monitoring systems. 4. **Robust Protection**: The inputs are protected against voltages significantly beyond the power supply rails (up to 40V from the opposite rail). --- ### Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | RG | Gain Resistor Pin | | 3 | RG | Gain Resistor Pin | | 4 | +IN | Non-Inverting Input | | 5 | -Vs | Negative Supply | | 6 | REF | Reference Pin (Sets output zero point) | | 7 | Vout | Output | | 8 | +Vs | Positive Supply | --- ### Typical Applications * **Industrial Process Control**: Bridge amplifiers for pressure and temperature sensors. * **Medical Instrumentation**: ECG and patient monitoring. * **Portable Data Acquisition**: Battery-powered sensing nodes. * **Precision Current Sensing**: Shunt resistor amplification. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the exact value for RG for a gain of 50?
    • ⤷ What is the importance of the REF pin in single-supply operation?
    • ⤷ How does the AD8226 compare to the AD620 in terms of power consumption?