データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8227ARMZ-R7

  • AI
    ## Technical Overview of the AD8227ARMZ-R7 The **AD8227ARMZ-R7** is a high-performance, low-cost instrumentation amplifier manufactured by Analog Devices. It is specifically designed to amplify small differential signals in the presence of large common-mode voltages, even with a single power supply. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AD8227: | Parameter | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Gain Range** | 5 to 1000 (Set by a single external resistor $R_G$) | | **Supply Voltage Range** | 2.2V to 36V (Single) / ±1.1V to ±18V (Dual) | | **Supply Current** | 350 $\mu$A (Maximum) | | **Input Bias Current** | 20 nA (Maximum) | | **CMRR (Common Mode Rejection)** | 100 dB (Minimum, G=10) | | **Bandwidth (-3dB)** | 250 kHz (at G=5) | | **Package Type** | MSOP-8 (ARMZ suffix) | --- ### 2. Core Functional Components The AD8227 consists of several internal electronic stages that allow it to function efficiently: * **Input Stage:** Features high-impedance inputs to prevent loading of sensitive sensors. It is designed to handle input voltages that can go below the negative supply rail (up to 0.3V below ground). * **Gain Setting ($R_G$):** Unlike standard op-amps, the gain is determined by a single external resistor connected between pins 1 and 8. The formula is: $$Gain = 5 + \frac{80\text{k}\Omega}{R_G}$$ * **Reference Terminal (REF):** This pin allows the output to be offset to a specific voltage level, which is critical for interfacing with single-supply Analog-to-Digital Converters (ADCs). --- ### 3. Pinout Configuration (MSOP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | -RG | Gain setting terminal | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | -Vs | Negative Supply | | 5 | REF | Reference (Offset control) | | 6 | Vout | Output Signal | | 7 | +Vs | Positive Supply | | 8 | +RG | Gain setting terminal | --- ### 4. Typical Applications * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Medical Instrumentation:** ECG and patient monitoring where low power and high CMRR are required. * **Portable Data Acquisition:** Due to its wide supply range and low current consumption. * **Low-Side Current Sensing:** Precision monitoring of current across a shunt resistor. --- ### 5. Part Number Breakdown: `AD8227ARMZ-R7` * **AD8227:** Model number (Instrumentation Amplifier). * **A:** Performance grade (Standard). * **RM:** Package code for MSOP (Mini Small Outline Package). * **Z:** RoHS compliant / Lead-free. * **R7:** Tape and reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the exact resistor value for a gain of 100?
    • ⤷ What is the maximum input voltage range relative to the power supply?
    • ⤷ Can the REF pin be connected directly to ground in a dual-supply configuration?