データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8228ARMZ-R7

  • AI
    The **AD8228ARMZ-R7** is a high-performance, precision instrumentation amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high accuracy and low noise in a compact form factor. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8228ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Gain Settings** | Pin-programmable (Gain = 10 or 100) | | **Input Voltage Range** | Dual Supply: ±2.3 V to ±18 V | | **Common-Mode Rejection Ratio (CMRR)** | 100 dB (minimum at G=100) | | **Gain Drift** | 5 ppm/°C (maximum) | | **Bandwidth** | 650 kHz (at G=100) | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | −40°C to +85°C | --- ### 2. Core Functional Parts The AD8228 is built using a classic **3-op-amp instrumentation amplifier architecture**, but with several specialized internal enhancements: #### A. Internal Laser-Trimmed Resistors Unlike traditional amplifiers where you must provide an external resistor to set the gain, the AD8228 features integrated, laser-trimmed resistors. * **Precision:** These resistors are matched to an extremely high degree of accuracy. * **Stability:** Because they are on the same silicon substrate, they track each other perfectly across temperature changes, ensuring the gain remains stable. #### B. Gain Selection Pins The device does not require external components for its two primary gain modes: * **Gain = 10:** Achieved by leaving the gain pins open. * **Gain = 100:** Achieved by shorting specific pins. This "set-and-forget" design eliminates errors introduced by external resistor tolerances. #### C. High-Impedance Input Stage The input stage is designed to handle sensors with high source impedance without loading the signal, ensuring that the integrity of the weak transducer signal is maintained. --- ### 3. Application Use Cases Due to its high precision and small MSOP footprint, the AD8228 is commonly used in: 1. **Medical Instrumentation:** ECG and non-invasive blood pressure monitors. 2. **Industrial Process Control:** Precision weight scales and strain gauge bridges. 3. **Data Acquisition:** Front-end amplification for high-resolution ADCs. 4. **Automotive:** Battery cell monitoring and current sensing. --- ### 4. Part Number Breakdown (AD8228ARMZ-R7) | Code | Meaning | | :--- | :--- | | **AD8228** | Base Model Number | | **A** | Performance Grade (Standard) | | **RM** | Package Designator (MSOP) | | **Z** | RoHS Compliant (Lead-Free) | | **R7** | Packaging Detail (7-inch Tape and Reel, typically 1,000 pieces) |
    ✨ Follow-up Questions
    • ⤷ How does the AD8228 compare to the industry-standard AD620?
    • ⤷ What are the advantages of using integrated resistors over external gain resistors?
    • ⤷ Can the AD8228 be powered by a single-sided 5V supply?