データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD822ARMZ-R2

  • AI
    ## Overview of AD822ARMZ-R2 The **AD822ARMZ-R2** is a high-performance, precision, dual-channel, rail-to-rail output operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for low power consumption and versatility in single-supply applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | 2 (Dual Op-Amp) | | **Input Type** | JFET (High Impedance) | | **Output Type** | Rail-to-Rail | | **Supply Voltage Range** | Single: 5V to 30V / Dual: ±2.5V to ±15V | | **Supply Current** | ~800 µA per amplifier | | **Gain Bandwidth Product** | 1.9 MHz | | **Slew Rate** | 3 V/µs | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Features * **JFET Input:** Provides extremely low input bias current (typically 2 pA), making it ideal for high-impedance sensors and photodiode preamps. * **Rail-to-Rail Output:** The output voltage can swing very close to the supply rails (within 10mV), maximizing the dynamic range of the signal. * **Low Power:** Efficient design draws very little current, which is critical for battery-powered or portable medical devices. * **Precision Performance:** Offers low offset voltage and low noise, ensuring signal integrity in sensitive measurement circuits. --- ### 3. Pin Configuration (MSOP-8) Below is the standard layout for the 8-pin MSOP package: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Supply (or Ground) | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Supply Voltage | --- ### 4. Common Applications 1. **Photodiode Preamps:** Because of the JFET inputs and low bias current. 2. **Battery Powered Instrumentation:** Due to the wide supply range and low power draw. 3. **Active Filters:** Used in audio and signal conditioning where precision is required. 4. **Medical Instrumentation:** Used in ECG/EEG monitoring equipment for clean signal amplification. --- ### 5. Part Number Breakdown: AD822ARMZ-R2 * **AD822:** The base model number. * **A:** Grade/Performance indicator. * **RM:** Package code (MSOP). * **Z:** RoHS compliant (Lead-Free). * **R2:** Packaging format (usually refers to 7-inch reel size or specific quantity).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD822 and the AD820?
    • ⤷ Can the AD822 be used in a single 5V supply environment?
    • ⤷ How does the JFET input improve performance compared to Bipolar inputs?