データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8232ACPZ-R7

  • AI
    The **AD8232ACPZ-R7** is a specialized integrated circuit designed for signal conditioning of cardiac bio-potential signals. It is primarily used for **Electrocardiogram (ECG/EKG)** and other biopotential measurement applications. --- ### 1. Key Technical Specifications The AD8232 acts as a specialized instrumentation amplifier designed to extract, amplify, and filter small biopotential signals in the presence of noisy conditions. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 2.0V to 3.5V | | **Supply Current** | 170 µA (Typical) | | **Common-Mode Rejection** | 80 dB (dc to 60 Hz) | | **Interface** | Analog Output | | **Package** | 20-Lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Blocks The chip integrates several critical components into a single tiny package to reduce the footprint of wearable medical devices: * **Instrumentation Amplifier:** The core of the chip that rejects common-mode noise (like 50/60Hz hum from power lines). * **Right Leg Drive (RLD) Amplifier:** Used to drive the common-mode voltage into the patient, which improves the Common-Mode Rejection Ratio (CMRR) and enhances signal quality. * **Operational Amplifiers:** Includes an uncommitted op-amp for creating a three-pole low-pass filter to remove muscle noise (EMG). * **Fast Restore Circuit:** Allows the AC-coupled filters to settle quickly after a lead-off event or sudden movement, preventing long wait times for the signal to stabilize. * **Leads-Off Detection:** Built-in circuitry to detect if an electrode has become disconnected from the patient. --- ### 3. Pinout Overview The "R7" in the part number refers to the 7-inch reel packaging format. The physical chip has 20 pins. | Pin Group | Function | | :--- | :--- | | **HPDRIVE / HPSENSE** | High-pass filter nodes to block DC offsets from electrodes. | | **+IN / -IN** | Differential inputs from the ECG electrodes. | | **RLD** | Output for the Right Leg Drive electrode. | | **LOD+ / LOD-** | Digital outputs indicating lead-off status. | | **REFOUT** | Reference voltage output (usually set to half the supply). | | **OUTPUT** | Conditioned analog ECG signal for an ADC/Microcontroller. | --- ### 4. Application Example (Arduino/MCU) The output of the AD8232 is an analog voltage that can be read directly by an Analog-to-Digital Converter (ADC). ```cpp // Basic code to read ECG data from AD8232 void setup() { Serial.begin(9600); pinMode(10, INPUT); // Setup for Leads Off Detection (LOD+) pinMode(11, INPUT); // Setup for Leads Off Detection (LOD-) } void loop() { if((digitalRead(10) == 1) || (digitalRead(11) == 1)){ Serial.println("Leads Off!"); } else { // Read the analog signal from the AD8232 OUTPUT pin int ecgValue = analogRead(A0); Serial.println(ecgValue); } delay(1); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2-electrode and 3-electrode configuration for the AD8232?
    • ⤷ How does the 'Fast Restore' feature work to stabilize the ECG signal?
    • ⤷ What external components are required to set the low-pass and high-pass filter frequencies?