データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8244ARMZ-R7

  • AI
    ## Overview of AD8244ARMZ-R7 The **AD8244ARMZ-R7** is a precision, low power, FET-input, quad-channel unity-gain buffer (voltage follower) manufactured by Analog Devices. It is specifically designed to solve the problem of loading errors in high-impedance sensor applications. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Channels** | 4 (Quad) | | **Input Type** | FET (Field-Effect Transistor) | | **Gain** | Fixed Unity Gain (1 V/V) | | **Bandwidth (-3 dB)** | 12 MHz | | **Slew Rate** | 13 V/µs | | **Input Bias Current** | 2 pA (typical) | | **Supply Voltage Range** | 3 V to 36 V (Single) / ±1.5 V to ±18 V (Dual) | | **Quiescent Current** | 250 µA per channel | | **Package** | 10-lead MSOP | --- ### Key Electronic Features 1. **High Input Impedance:** Because it uses a FET-input stage, the AD8244 has an extremely low input bias current (pA range). This allows it to interface with high-impedance sources (like pH sensors or photodiodes) without distorting the signal. 2. **True Unity Gain:** Unlike standard Op-Amps configured as buffers, the AD8244 is internally optimized for unity gain. This eliminates the need for external resistors, saving board space and reducing gain errors. 3. **Low Power Consumption:** At only 250 µA per channel, it is highly efficient for multi-channel battery-powered applications. 4. **Channel-to-Channel Isolation:** The device is designed to minimize crosstalk between the four internal buffers, ensuring signal integrity across all channels. --- ### Typical Application Circuit In a typical scenario, the AD8244 acts as a bridge between a high-impedance sensor and a Low-Impedance Analog-to-Digital Converter (ADC). ```spice * Simple representation of AD8244 usage * Sensor -> Buffer -> ADC V_sensor (Node_In) -- [High Impedance Source] AD8244_In (Node_In) AD8244_Out (Node_Out) -- [Low Impedance Path] ADC_Input (Node_Out) ``` --- ### Common Applications * **Photodiode Pre-amps:** Converting high-impedance light sensor signals. * **Medical Instrumentation:** Buffering electrodes or chemical sensors. * **Data Acquisition Systems:** Interfacing high-Z signals to multiplexers or ADCs. * **Precision Filters:** Acting as an isolation stage within active filters.
    ✨ Follow-up Questions
    • ⤷ How does the AD8244 compare to a standard TL074 op-amp in buffer configuration?
    • ⤷ What are the advantages of the 10-lead MSOP package for this specific part?
    • ⤷ Can the AD8244 handle rail-to-rail input and output signals?