データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8250ARMZ-R7

  • AI
    ## Technical Overview of the AD8250ARMZ-R7 The **AD8250ARMZ-R7** is a high-speed, digitally programmable gain instrumentation amplifier (PGIA) manufactured by Analog Devices. It is designed for high-precision data acquisition systems where signal levels vary significantly and require rapid adjustments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Gain Settings** | 1, 2, 5, 10 (Digitally Programmable) | | **Bandwidth** | 10 MHz (at G=1) | | **Slew Rate** | 20 V/µs | | **Settling Time** | 615 ns to 0.001% | | **CMRR** | 98 dB (Minimum, G=10) | | **Package** | 10-Lead MSOP | | **Supply Voltage** | ±5V to ±15V | --- ### 2. Functional Features The AD8250 stands out due to its combination of speed and precision. Its internal architecture is optimized for the following: * **Digital Gain Control:** The gain is set via a 2-bit parallel interface (A0, A1), allowing a microcontroller or FPGA to switch gains in less than 200 ns. * **High Input Impedance:** It features a differential input structure that ensures very low input bias current, making it ideal for high-impedance sensors. * **Precision Performance:** It offers extremely low offset voltage drift and high Common-Mode Rejection Ratio (CMRR), which is critical for extracting small signals from noisy environments. * **Output Clamping:** It includes a protection feature to prevent the output from overdriving subsequent stages (like an ADC). --- ### 3. Pin Configuration (10-MSOP) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **-IN** | Inverting Input | | 2 | **+IN** | Non-Inverting Input | | 3 | **VEE** | Negative Supply | | 4 | **REF** | Reference Voltage (Output Offset) | | 5 | **A0** | Gain Control Bit 0 | | 6 | **A1** | Gain Control Bit 1 | | 7 | **WR** | Write Enable (Active Low) | | 8 | **OUT** | Output | | 9 | **VCC** | Positive Supply | | 10 | **DGND** | Digital Ground | --- ### 4. Typical Applications * **Data Acquisition Systems (DAS):** Handling various sensor inputs with different voltage ranges. * **Automated Test Equipment (ATE):** Fast switching between different test points. * **Medical Instrumentation:** Precision signal conditioning for diagnostic tools. * **Dynamic Range Expansion:** Pre-amplification for high-speed Analog-to-Digital Converters. --- ### 5. Implementation Example (Logic Table) To set the gain of the AD8250, use the following logic levels on the A1 and A0 pins: ```text A1 | A0 | Resulting Gain ---|----|--------------- 0 | 0 | G = 1 0 | 1 | G = 2 1 | 0 | G = 5 1 | 1 | G = 10 ```
    ✨ Follow-up Questions
    • ⤷ How does the settling time of the AD8250 compare to standard instrumentation amplifiers?
    • ⤷ Can the AD8250 be used with a single-ended power supply?
    • ⤷ What is the significance of the R7 suffix in the part number?