データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8251ARMZ-R7

  • AI
    ## AD8251ARMZ-R7: Technical Overview The **AD8251ARMZ-R7** is a digitally programmable gain instrumentation amplifier (PGIA) manufactured by Analog Devices. It is designed for high-precision data acquisition and signal conditioning where gain needs to be adjusted dynamically via digital logic. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Programmable Gains** | 1, 2, 4, 8 | | **Package** | 10-Lead MSOP (Micro Small Outline Package) | | **Supply Voltage** | Dual: ±5V to ±15V | | **Bandwidth (-3dB)** | 10 MHz (at G=1) | | **Slew Rate** | 20 V/µs | | **Input Offset Voltage** | 50 µV (max) | | **CMRR** | 98 dB (min at G=8) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the AD8251 consists of several critical stages that ensure high precision: 1. **Input Stage:** A high-impedance differential input stage that minimizes current leakage and prevents loading of the sensor or source signal. 2. **Gain Selection Network:** A precision resistor ladder combined with low-resistance CMOS switches. The gain is selected using a 2-bit digital word (A0, A1). 3. **Output Amplifier:** A high-speed amplifier capable of driving Analog-to-Digital Converters (ADCs) with minimal distortion. 4. **Digital Interface:** Simple TTL/CMOS compatible logic inputs that allow a microcontroller or FPGA to change the gain in less than 1 µs. --- ### 3. Pinout Configuration (10-MSOP) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | +IN | Non-Inverting Input | | 3 | V- | Negative Power Supply | | 4 | REF | Reference Voltage (shifts output level) | | 5 | OUT | Output Signal | | 6 | V+ | Positive Power Supply | | 7 | A1 | Gain Control Bit 1 (MSB) | | 8 | A0 | Gain Control Bit 0 (LSB) | | 9 | WR | Write Enable (updates gain on rising edge) | | 10 | CS | Chip Select (enables digital interface) | --- ### 4. Applications and Use Cases * **Data Acquisition Systems (DAS):** Automatically scaling weak sensor signals to fit the full-scale range of an ADC. * **Medical Instrumentation:** Used in ECG or EEG monitoring where signal amplitudes vary significantly. * **Industrial Process Control:** Interfacing with various transducers (pressure, temperature, flow) that have different output levels. * **Automatic Test Equipment (ATE):** Providing flexible measurement ranges in testing environments. --- ### 5. Part Number Decoding The suffix **-R7** indicates the packaging format: * **AD8251**: Base model number. * **ARMZ**: MSOP package with RoHS compliance. * **R7**: 7-inch Tape and Reel (typically containing 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷How do the gain settings (A0
    • ⤷ A1) map to the specific gain values of 1
    • ⤷ 2
    • ⤷ 4
    • ⤷ and 8?
    • ⤷ What is the typical settling time of the AD8251 when switching between gains?
    • ⤷ Can the REF pin be used for level shifting in single-supply ADC applications?