データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8270ACPZ-R7

  • AI
    The **AD8270ACPZ-R7** is a high-precision, dual-channel, low-distortion difference amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high common-mode rejection and precise gain accuracy. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8270: | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 independent amplifiers) | | **Gain Options** | Configurable for G = 0.5, 1, or 2 | | **Common-Mode Rejection Ratio (CMRR)** | 86 dB (minimum) | | **Bandwidth (-3 dB)** | 20 MHz | | **Slew Rate** | 30 V/µs | | **Supply Voltage Range** | ±2.5V to ±18V (or 5V to 36V single supply) | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The AD8270 is built using internal laser-trimmed resistors. This architecture provides several advantages over discrete op-amp designs: * **Integrated Resistors:** The internal resistors are matched to within 0.01% to 0.05% tolerance. This ensures high gain accuracy and excellent CMRR that is difficult to achieve with external components. * **Configurable Gain:** By connecting the internal pins in different patterns, the user can set the gain to 1/2, 1, or 2 without adding external parts. * **High Performance:** With a high slew rate and low harmonic distortion, it is ideal for high-speed signal conditioning. --- ### 3. Pinout and Internal Logic The **ACPZ-R7** suffix indicates the package type (LFCSP) and the "Tape and Reel" shipping format. Internally, each of the two amplifiers consists of: 1. **Non-inverting and Inverting Inputs:** Connected through the internal resistor network. 2. **Reference Pins:** Used to shift the output voltage level, which is useful in single-supply systems to center the signal around a specific DC offset. --- ### 4. Typical Applications * **ADC Drivers:** Converting differential signals to single-ended for high-resolution Analog-to-Digital Converters. * **Instrumentation:** Precision current sensing and voltage monitoring. * **Audio Equipment:** High-fidelity balanced-to-unbalanced line conversion. * **Automotive Systems:** Signal conditioning in environments with high common-mode noise. --- ### 5. Ordering Information Breakdown * **AD8270:** Base model number. * **ACPZ:** **A** (Performance Grade), **CP** (LFCSP Package), **Z** (RoHS Compliant). * **R7:** 7-inch reel (typically containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷ How does the AD8270 compare to the AD8271 in terms of channel count and precision?
    • ⤷ What are the specific wiring configurations needed to achieve a gain of 0.5?
    • ⤷ Can the AD8270 be used for high-side current sensing in 48V systems?