データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8271ARMZ-R7

  • AI
    ### Overview of the AD8271ARMZ-R7 The **AD8271ARMZ-R7** is a high-precision, programmable-gain difference amplifier manufactured by **Analog Devices**. It is designed to simplify the measurement of differential signals by integrating precision resistors and a high-speed op-amp into a single package. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Difference Amplifier / Programmable Gain | | **Gain Settings** | G = 0.5, 1, or 2 | | **Bandwidth** | 15 MHz | | **Slew Rate** | 30 V/µs | | **Input Offset Voltage** | 300 µV (max) | | **Supply Voltage Range** | ±2.5 V to ±18 V (Dual) / 5 V to 36 V (Single) | | **Package** | 8-Lead MSOP (ARMZ) | | **Operating Temperature** | -40°C to +85°C | --- ### Internal Features and Architecture 1. **Integrated Resistors**: The device features internal thin-film resistors that are laser-trimmed. This ensures excellent gain accuracy and extremely high **Common-Mode Rejection Ratio (CMRR)**, typically around 80 dB. 2. **Gain Configurability**: By strapping specific pins (connecting them to ground or the output), the user can set the gain to 0.5, 1, or 2 without needing external components. 3. **High Input Impedance**: It provides a stable input environment for sensors and signals, reducing loading errors. --- ### Typical Pin Configuration (8-MSOP) | Pin | Name | Function | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | SENSE | Feedback connection for setting gain | | 3 | REF | Reference voltage input (shifts output level) | | 4 | -Vs | Negative Supply | | 5 | +IN | Non-inverting Input | | 6 | GAIN | Gain setting pin | | 7 | Vout | Output Signal | | 8 | +Vs | Positive Supply | --- ### Applications * **ADC Drivers**: Converting differential signals to single-ended signals for microcontrollers. * **Instrumentation**: High-side or low-side current sensing. * **Industrial Process Control**: Signal conditioning in noisy environments. * **Power Supply Monitoring**: Voltage isolation and measurement. --- ### Code Example: Gain Selection Logic (Conceptual) If you were using a microcontroller to switch gains via an analog switch or jumper logic: ```c // Pseudo-logic for configuring AD8271 Gain void setGain(float gainValue) { if (gainValue == 0.5) { // Hardware configuration: Connect GAIN pin to Vout printf("Gain set to 0.5\n"); } else if (gainValue == 2.0) { // Hardware configuration: Connect GAIN pin to Ground printf("Gain set to 2.0\n"); } else { // Default Gain = 1 (Gain pin NC) printf("Gain set to 1.0\n"); } } ```
    ✨ Follow-up Questions
    • ⤷ How does the CMRR of the AD8271 compare to a discrete op-amp circuit?
    • ⤷ What is the significance of the '-R7' suffix in the part number?
    • ⤷ Can the AD8271 be used for high-side current sensing in 48V systems?