データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8273ARZ-R7

  • AI
    ### Overview of the AD8273ARZ-R7 The **AD8273ARZ-R7** is a high-performance, precision dual-channel difference amplifier manufactured by Analog Devices. It is designed for high-fidelity audio and industrial signal conditioning where high common-mode rejection and low distortion are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Supply Voltage Range** | ±2.5 V to ±18 V | | **Gain** | G = 0.5 or G = 2 (Configurable) | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB (Minimum) | | **Slew Rate** | 15 V/µs | | **Total Harmonic Distortion + Noise (THD+N)** | 0.0007% at 1 kHz | | **Bandwidth (-3 dB)** | 20 MHz | | **Package Type** | 14-lead SOIC_N (Surface Mount) | --- ### Internal Structure and Features The AD8273 consists of internal laser-trimmed resistors and high-speed operational amplifiers. This integration provides several advantages: 1. **Precision Matched Resistors**: The internal resistors are matched to a very high degree of accuracy, ensuring stable gain and high CMRR across temperature variations, which is difficult to achieve with discrete components. 2. **Gain Versatility**: By changing the external pin connections, the device can be configured for different gain settings (0.5 or 2) without needing external resistors. 3. **High Input Impedance**: It is designed to handle signals with minimal loading effects on the source. --- ### Application Usage The AD8273 is typically found in professional-grade equipment and precision measurement systems: * **Professional Audio**: Used for balanced-to-unbalanced conversion (and vice versa) in mixing consoles and signal processors. * **ADC Driver**: Acts as a buffer and level shifter to drive high-performance Analog-to-Digital Converters. * **Industrial Instrumentation**: Differential line receivers and precision current sensing applications. * **Medical Equipment**: Signal conditioning for diagnostic tools requiring high noise immunity. --- ### Pin Configuration (14-Lead SOIC) ```text +-------U-------+ -IN1 | 1 14| NC +IN1 | 2 13| OUT1 REF1 | 3 12| V+ V- | 4 11| REF2 +IN2 | 5 10| OUT2 -IN2 | 6 9| NC NC | 7 8| NC +---------------+ ``` *(Note: NC = No Internal Connection)* ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8273 compare to a standard op-amp in terms of common-mode rejection?
    • ⤷ What are the specific power decoupling requirements for the AD8273ARZ-R7?
    • ⤷ Can the AD8273 be used in a single-supply configuration?