データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8274ARMZ-R7

  • AI
    ## Technical Overview: AD8274ARMZ-R7 The **AD8274ARMZ-R7** is a high-speed, precision difference amplifier manufactured by Analog Devices. It is designed to convert differential signals to single-ended signals with high accuracy and speed. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Type** | Difference Amplifier | | **Gain Options** | Fixed Gain of G=2 or G=1/2 | | **Bandwidth** | 20 MHz (at G=2) | | **Slew Rate** | 30 V/µs | | **Supply Voltage Range** | ±2.5V to ±18V (Dual) / 5V to 36V (Single) | | **CMRR (Common Mode Rejection)** | 90 dB (Minimum) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The AD8274 is more than just a standard Op-Amp; it is an integrated solution consisting of: * **Internal Laser-Trimmed Resistors:** These are the heart of the chip. Because they are integrated on-silicon, they have nearly perfect matching, which allows for extremely high **Common-Mode Rejection Ratio (CMRR)** that is difficult to achieve with discrete components. * **High-Speed Output Op-Amp:** Capable of driving heavy loads and providing a fast response time (30 V/µs slew rate), making it suitable for modern high-speed ADCs. * **Reference Terminal (REF):** This pin allows the user to offset the output voltage, which is essential when interfacing with single-supply Analog-to-Digital Converters (ADCs). --- ### 3. Application Use Cases This part is primarily used in environments where signal integrity and noise rejection are critical: 1. **ADC Driver:** It prepares differential signals for input into single-ended ADCs while filtering out common-mode noise. 2. **Instrumentation Amplifier:** It acts as a high-performance building block for precision measurement systems. 3. **Level Shifting:** Converting signals from high-voltage industrial rails (like ±10V) to low-voltage logic levels (like 0-5V). 4. **Current Sensing:** Measuring the voltage drop across a shunt resistor in high-side or low-side configurations. --- ### 4. Part Number Breakdown (AD8274ARMZ-R7) | Code | Meaning | | :--- | :--- | | **AD8274** | Model Number (Difference Amplifier Series) | | **A** | Performance Grade (Standard precision) | | **RM** | Package Identifier (MSOP) | | **Z** | RoHS Compliant / Lead-Free | | **R7** | Packaging format (7-inch Tape and Reel, typically 1000 pieces) | ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8274 compare to the AD8271 in terms of bandwidth?
    • ⤷ Can the AD8274 be used in a single-supply 5V circuit?
    • ⤷ What are the advantages of integrated resistors over discrete resistors for CMRR?