データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8275ARMZ-R7

  • AI
    ## Overview of AD8275ARMZ-R7 The **AD8275ARMZ-R7** is a specialized integrated circuit produced by Analog Devices. It is primarily defined as a **G = 0.2, Level-Translating ADC Driver**. It is designed to bridge the gap between high-voltage industrial signals and low-voltage, single-supply Analog-to-Digital Converters (ADCs). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Difference Amplifier / ADC Driver | | **Gain** | 0.2 (Fixed) | | **Input Voltage Range** | Up to ±10V (on a single 5V supply) | | **Supply Voltage (Single)** | +3.3 V to +15 V | | **Supply Voltage (Dual)** | ±1.65 V to ±7.5 V | | **Bandwidth (-3dB)** | 15 MHz | | **Slew Rate** | 25 V/µs | | **Package Type** | 8-Lead MSOP (ARMZ) | | **Packing Type** | Tape & Reel (R7) | --- ### 2. Core Functional Parts The internal architecture of the AD8275 consists of several critical stages that manage signal conditioning: #### A. Attenuating Input Stage Because the gain is **0.2**, the device acts as an attenuator. This allows a user to input a ±10V signal (a 20V peak-to-peak swing) into a system running on only 5V. The internal precision-trimmed resistors ensure high common-mode rejection (CMRR). #### B. Level Shifting Logic The device features a **REF pin**. By applying a voltage to this pin, the output signal is shifted upward. * *Example:* If the REF pin is tied to 2.5V, a 0V input results in a 2.5V output, centering the signal for a 0-5V ADC. #### C. Output Driver The output stage is a rail-to-rail amplifier designed to drive the capacitive loads typical of Successive Approximation Register (SAR) ADCs without needing an additional buffer. --- ### 3. Application Use Cases The AD8275 is typically found in environments where high-voltage sensors meet low-voltage microcontrollers: 1. **Industrial Process Control:** Translating ±10V PLC signals to 3.3V or 5V ADC inputs. 2. **Data Acquisition Systems (DAQ):** Scaling diverse input ranges to a unified converter range. 3. **Battery Monitoring:** Measuring high-stack voltages via attenuation. --- ### 4. Circuit Implementation Example To interface a ±10V signal to a 5V ADC, the wiring is typically configured as follows: ```c // Connection Logic 1. +IN / -IN -> Connect to the ±10V Differential Source 2. V+ -> +5V Supply 3. V- -> Ground (0V) 4. REF -> +2.5V (Sets the output midpoint) 5. VOUT -> ADC Input Pin ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'ARMZ' suffix in the part number?
    • ⤷ How does the Common-Mode Rejection Ratio (CMRR) of the AD8275 benefit industrial sensors?
    • ⤷ Can the AD8275 be used with bipolar power supplies?