データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8276ARMZ-R7

  • AI
    ## AD8276ARMZ-R7: Technical Overview The **AD8276ARMZ-R7** is a low-power, wide supply range, low-cost unity-gain difference amplifier manufactured by **Analog Devices**. It is designed to extract a differential signal while rejecting common-mode noise, making it ideal for precision signal conditioning. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Unity-Gain Difference Amplifier ($G=1$) | | **Supply Voltage Range** | Single: 2.0V to 36V | Dual: ±2V to ±18V | | **Supply Current** | 200 $\mu$A (Max) | | **CMRR (Common-Mode Rejection Ratio)** | 86 dB (Minimum) | | **Gain Error** | 0.02% (Maximum) | | **Bandwidth** | 550 kHz | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Packaging** | Tape & Reel (R7 suffix) | --- ### 2. Core Electronic Components (Internal) The AD8276 is more than just an operational amplifier; it is an **Integrated Precision Network**. Its internal architecture includes: 1. **Laser-Trimmed Resistors:** The chip features on-chip resistors that are laser-trimmed to guarantee a very low gain error and high CMRR. Because these resistors are integrated on the same silicon die, they track thermally much better than discrete resistors. 2. **High-Performance Op-Amp:** The internal amplifier is optimized for low power consumption while maintaining enough bandwidth for industrial sensing applications. 3. **Protection Circuitry:** The inputs are designed to handle voltages beyond the supply rails (up to 40V from the opposite rail). --- ### 3. Pin Configuration (MSOP-8) | Pin # | Mnemonic | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | REF | Reference Voltage (Sets Output Offset) | | 3 | V- | Negative Supply | | 4 | OUT | Output Signal | | 5 | NC | No Connection | | 6 | V+ | Positive Supply | | 7 | SENSE | Feedback connection (usually tied to OUT) | | 8 | +IN | Non-Inverting Input | --- ### 4. Typical Application Circuit The AD8276 is often used for **Current Sensing** or **Ground Loop Elimination**. Below is a basic representation of its use as a difference amplifier: ```python # Functional Logic: # Output = (V+IN - V-IN) + V_REF # Example Setup: # If +IN = 5.5V, -IN = 5.0V, and REF = 0V # Output = (5.5 - 5.0) + 0 = 0.5V ``` --- ### 5. Why use AD8276 instead of a standard Op-Amp? * **Precision Matching:** Achieving 86dB CMRR with discrete resistors requires 0.001% tolerance parts, which are extremely expensive and bulky. The AD8276 provides this in a tiny MSOP package. * **Input Overvoltage:** It can handle input signals that exceed the power supply pins, which would typically destroy a standard op-amp. * **Space Saving:** It replaces one op-amp and four precision resistors in a single 3mm x 3mm footprint. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8276 and the AD8277?
    • ⤷ Can you provide a circuit diagram for high-side current sensing using this chip?
    • ⤷ How does the 'R7' suffix impact the purchasing quantity or packaging?