データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8277ARZ-R7

  • AI
    ## Overview of AD8277ARZ-R7 The **AD8277ARZ-R7** is a high-precision, low-power, dual-channel **difference amplifier** manufactured by Analog Devices. It is specifically designed for applications requiring accurate signal conditioning and common-mode voltage rejection. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8277ARZ-R7: | Parameter | Specification | | :--- | :--- | | **Type** | Difference Amplifier (Dual Channel) | | **Gain** | G = 1 (Unity Gain) | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB (Minimum) | | **Supply Voltage Range** | Dual: ±2V to ±18V | Single: 2V to 36V | | **Gain Error** | 0.02% (Maximum) | | **Gain Drift** | 1 ppm/°C (Maximum) | | **Quiescent Current** | 200 µA per amplifier | | **Package / Case** | 8-SOIC (Small Outline Integrated Circuit) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Core Features & Architecture * **Integrated Resistor Network:** The device contains internal, laser-trimmed resistors. Because these resistors are fabricated on the same silicon substrate, they provide exceptional matching and thermal tracking, which is nearly impossible to achieve with discrete components. * **Dual Channel:** It provides two independent difference amplifiers in a single SOIC package, saving PCB space. * **Low Power:** With only 200 µA per channel, it is ideal for battery-powered and portable instrumentation. * **Wide Input Voltage:** The inputs can handle voltages slightly beyond the supply rails, providing robustness in industrial environments. --- ### 3. Pin Configuration (8-SOIC) | Pin # | Label | Function | | :--- | :--- | :--- | | 1 | **-IN A** | Inverting Input (Channel A) | | 2 | **+IN A** | Non-inverting Input (Channel A) | | 3 | **REF A** | Reference Voltage (Channel A) | | 4 | **-V_s** | Negative Power Supply | | 5 | **REF B** | Reference Voltage (Channel B) | | 6 | **+IN B** | Non-inverting Input (Channel B) | | 7 | **-IN B** | Inverting Input (Channel B) | | 8 | **+V_s** | Positive Power Supply | | - | **OUT A / B** | (Depending on specific internal layout/package mapping) | --- ### 4. Typical Applications The AD8277 is commonly used in circuits where a small differential signal must be extracted from a large common-mode voltage: 1. **Voltage Measurement:** Translating high-side voltages down to ground-referenced ADC inputs. 2. **Current Sensing:** Measuring the voltage drop across a shunt resistor in power supplies. 3. **Instrumentation Amplifiers:** Building custom gain blocks with high precision. 4. **Signal Level Shifting:** Adjusting signals to match the input range of a microcontroller or DSP. --- ### 5. Part Number Breakdown: `AD8277ARZ-R7` * **AD8277:** The base model number. * **A:** Performance grade (Standard Grade). * **R:** Package type (SOIC). * **Z:** RoHS compliant (Lead-free). * **R7:** Tape and Reel packaging (7-inch reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷ How does the internal resistor matching of the AD8277 compare to using discrete resistors?
    • ⤷ Can the AD8277 be used with a single-ended power supply?
    • ⤷ What is the difference between the AD8277 and the AD8276?