AD8278ARMZ-R7
AI

### Overview of the AD8278ARMZ-R7
The **AD8278ARMZ-R7** is a high-performance, low-power **difference amplifier** manufactured by Analog Devices. It is designed to perform high-precision signal conditioning, particularly in applications requiring common-mode voltage rejection and gain scaling.
---
### Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Amplifier Type** | Difference (Differential) |
| **Gain Options** | G = 1/2 or G = 2 (Configurable) |
| **Supply Voltage Range** | 2.0 V to 36 V (Single); ±2 V to ±18 V (Dual) |
| **Supply Current** | 200 µA (Maximum) |
| **Common-Mode Rejection Ratio (CMRR)** | 80 dB (Minimum) |
| **Bandwidth (-3dB)** | 1 MHz |
| **Package Type** | MSOP-8 (ARMZ suffix) |
| **Operating Temperature** | -40°C to +125°C |
---
### Internal Features & Components
The AD8278 consists of a high-precision operational amplifier and several laser-trimmed internal resistors. These resistors are the "secret sauce" of the component:
1. **Laser-Trimmed Resistors:** The internal resistors are matched to an extremely high degree of accuracy. This ensures high CMRR and gain stability across temperature changes, which is difficult to achieve using discrete components.
2. **Gain Configuration:**
* By connecting the pins in specific patterns, the user can set the gain to **0.5 (attenuation)** or **2 (amplification)**.
3. **High Input Impedance:** Despite being a difference amplifier, it maintains a relatively high input impedance compared to standard op-amp differential circuits.
---
### Typical Applications
The AD8278 is widely used in industrial and automotive sectors due to its robustness:
* **Voltage Measurement:** Translating high-voltage signals (up to the supply rails) down to a range suitable for an Analog-to-Digital Converter (ADC).
* **Current Sensing:** Measuring the voltage drop across a shunt resistor in high-side or low-side configurations.
* **Signal Level Shifting:** Converting bipolar signals to unipolar signals.
* **Battery Monitoring:** Tracking cell voltages in large battery stacks.
---
### Package and Part Number Breakdown
* **AD8278:** The base model number.
* **ARMZ:** Indicates the package type (MSOP-8) and RoHS compliance.
* **R7:** Indicates the packaging format (7-inch Reel, typically containing 1,000 units).
- ⤷
How do you configure the AD8278 for a gain of 0.5 versus a gain of 2?
- ⤷ What are the advantages of using an integrated difference amplifier over a discrete op-amp circuit?
- ⤷ What is the maximum common-mode voltage range for the AD8278?