データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8278ARZ-R7

  • AI
    ## Overview of the AD8278ARZ-R7 The **AD8278ARZ-R7** is a high-performance, low-power **difference amplifier** manufactured by Analog Devices. It is designed to extract small differential signals in the presence of large common-mode voltages, making it ideal for precision signal conditioning. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AD8278ARZ-R7: | Parameter | Specification | | :--- | :--- | | **Gain** | 0.5 or 2 (Configurable) | | **Common-Mode Rejection Ratio (CMRR)** | 80 dB (Minimum) | | **Supply Voltage (Single)** | 2.0 V to 36 V | | **Supply Voltage (Dual)** | ±2 V to ±18 V | | **Supply Current** | 200 µA (Maximum) | | **Bandwidth (-3 dB)** | 1 MHz | | **Package Type** | 8-Lead SOIC_N | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Internal Architecture and Functions The device consists of a precision op-amp and an integrated laser-trimmed resistor network. This integration is crucial for several reasons: * **Resistor Matching:** Because the resistors are on-chip, they are perfectly matched and have excellent thermal tracking. This results in much higher CMRR than what can be achieved using discrete components. * **Gain Flexibility:** * By connecting specific pins, the gain can be set to **G = 0.5** (attenuating) or **G = 2** (amplifying). * **Input Protection:** The input resistors provide protection against voltages that exceed the supply rails. --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | REF | Reference Voltage Input | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Supply | | 5 | SENSE | Feedback Connection | | 6 | OUT | Output | | 7 | V+ | Positive Supply | | 8 | NC | No Connection | --- ### 4. Common Applications * **Current Sensing:** Measuring the voltage drop across a shunt resistor in high-side or low-side configurations. * **ADC Driver:** Level shifting and scaling signals to fit the input range of an Analog-to-Digital Converter. * **Instrumentation Amplifiers:** Building custom signal chains requiring high precision. * **Battery Monitoring:** Handling high common-mode voltages in multi-cell battery packs. --- ### 5. Ordering Information Meaning * **AD8278**: Model number. * **A**: Performance Grade. * **RZ**: Package type (SOIC_N, Lead-free). * **R7**: Packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How do you configure the AD8278 for a gain of 0.5 versus a gain of 2?
    • ⤷ What is the advantage of using a difference amplifier over a standard operational amplifier?
    • ⤷ Can the AD8278 handle input voltages higher than its supply voltage?