データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8290ACPZ-R7

  • AI
    ## Overview of AD8290ACPZ-R7 The **AD8290ACPZ-R7** is a high-performance, precision front-end integrated circuit (IC) primarily designed for processing signals from **photodiodes** and other sensors in optical communication and instrumentation systems. It is manufactured by Analog Devices and integrates several critical functions into a single, compact chip. --- ### Core Specifications and Features | Parameter | Specification | | :--- | :--- | | **Part Number** | AD8290ACPZ-R7 | | **Function** | Transimpedance Amplifier (TIA) / Optical Front-End | | **Input Type** | Current (from Photodiodes) | | **Gain Settings** | Programmable / Fixed Stages | | **Package** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Voltage** | Typically 2.7V to 3.6V | | **Mounting Type** | Surface Mount | --- ### Key Electronic Components Inside the IC The AD8290 is not just a simple amplifier; it contains several distinct stages to handle sensitive electronic signals: 1. **Transimpedance Amplifier (TIA):** * The primary stage that converts the low-level input current from a photodiode into a proportional voltage. * It is designed for low noise and high sensitivity. 2. **Programmable Gain Amplifier (PGA):** * Allows the system to adjust signal strength based on the intensity of the light hitting the sensor. 3. **Ambient Light Cancellation:** * Includes specialized circuitry to filter out background "noise" or DC offsets caused by ambient light, ensuring only the intended signal is processed. 4. **Analog-to-Digital Converter (ADC) Driver:** * The output stage is buffered to drive the inputs of an external ADC without signal degradation. --- ### Application Usage Because of its precision and small form factor, this part is commonly found in: * **Heart Rate Monitors:** Processing signals from PPG (Photoplethysmogram) sensors. * **Pulse Oximeters:** Measuring oxygen saturation in blood. * **Optical Proximity Sensors:** Detecting object distance via light reflection. * **Industrial Sensing:** Precision light measurement in automated environments. --- ### Typical Connection Example In a standard circuit, the photodiode anode or cathode is connected directly to the input pin. Here is a simplified logic flow: ```mermaid graph LR A[Photodiode] --> B(AD8290 Input) B --> C{TIA Stage} C --> D[PGA Gain Adjustment] D --> E[Output to Microcontroller/ADC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the AD8290 in standby mode?
    • ⤷ How does the ambient light cancellation feature work technically in this IC?
    • ⤷ What are the recommended layout practices for the 16-Lead LFCSP package to reduce noise?