データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8305ACP-R2

  • AI
    ## AD8305ACP-R2: Logarithmic Converter Overview The **AD8305ACP-R2** is a high-precision, logarithmic converter designed primarily for measuring optical power in fiber optic systems. It converts an input current (typically from a photodiode) into a proportional output voltage based on a logarithmic scale. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Logarithmic Converter (Translinear) | | **Input Current Range** | 10 nA to 1 mA (80 dB Dynamic Range) | | **Supply Voltage** | 3.0 V to 12 V (Single Supply) | | **Slope** | 200 mV/decade (nominal) | | **Output Type** | Voltage Output | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the AD8305 is sophisticated, utilizing several key sub-systems: * **Translinear Core:** The heart of the chip. It uses the exponential relationship of bipolar transistors (Vbe vs. Ic) to perform the logarithmic transformation. * **Internal Reference ($I_{REF}$):** The chip includes a stable internal reference current (typically set to 10 nA). The output voltage is proportional to $Log(I_{PD} / I_{REF})$. * **Operational Amplifiers:** Integrated high-impedance op-amps are used to buffer the input current and provide a low-impedance voltage output at the **VLOG** pin. * **Adaptive Biasing:** This ensures the device maintains accuracy and stability across its entire 80 dB dynamic range. --- ### 3. Pin Configuration Highlights | Pin Name | Description | | :--- | :--- | | **INPT** | The input pin where the photodiode current ($I_{PD}$) is received. | | **VLOG** | The logarithmic voltage output. | | **VREF** | Reference voltage output (typically 2.5V), used to set the intercept. | | **BFIN** | Buffer input, used for adjusting the slope or intercept via external resistors. | | **VPOS / VNEG** | Power supply pins. | --- ### 4. Typical Application Circuit To use the AD8305 in a standard optical power monitoring circuit, the following configuration is typically used: ```text Photodiode (Anode) ----> INPT Pin Photodiode (Cathode) ---> Bias Voltage (V_BIAS) Output (VLOG) ---------> ADC / Microcontroller ``` **Key Advantages:** 1. **Wide Dynamic Range:** Capable of measuring very faint signals (nano-amps) up to strong signals (milli-amps). 2. **Temperature Stability:** Excellent performance over a wide thermal range compared to discrete diode solutions. 3. **Space Efficiency:** The LFCSP package is extremely small, ideal for compact SFP/SFP+ optical modules. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8305 and the AD8304?
    • ⤷ How do you calculate the output voltage based on the input current?
    • ⤷ What are the common causes of error in logarithmic converters?