データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8319ACPZ-R2

  • AI
    ## AD8319ACPZ-R2: Electronic Component Overview The **AD8319ACPZ-R2** is a high-performance, logarithmic amplifier designed for signal power measurement and control. It is manufactured by Analog Devices and is widely used in high-frequency communications. --- ### 1. Technical Specifications The following table outlines the core electrical characteristics of the device: | Parameter | Specifications | | :--- | :--- | | **Function** | Demodulating Logarithmic Amplifier | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | 40 dB (±1 dB error) | | **Input Impedance** | 50 $\Omega$ (Differential) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Response Time** | 8 ns / 10 ns (Fall/Rise time) | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Features * **Wide Frequency Support:** Operates from low MHz up to the X-band (10 GHz), making it suitable for modern wireless standards. * **High Speed:** Exceptional response time allows for the detection of fast RF bursts or pulsed signals. * **Temperature Stability:** Features internal temperature compensation to ensure accurate power measurement across varying environments. * **Controller Mode:** Can be configured to act as a controller for power amplifiers (PAs) or variable gain amplifiers (VGAs). --- ### 3. Pin Configuration and Internal Logic The AD8319 translates an RF input signal into a precise decibel-scaled DC voltage at the output. * **INHI/INLO:** Differential RF input pins. * **VOUT:** The DC output voltage proportional to the log of the input signal. * **VSET:** Used to set the setpoint voltage when operating in "Controller Mode." * **ENBL:** Enable pin to power down the device for energy saving. --- ### 4. Typical Applications The AD8319 is commonly integrated into the following systems: 1. **RF Transmitter Power Monitoring:** Ensuring the output power of a base station stays within regulatory limits. 2. **RSSI (Received Signal Strength Indicator):** Measuring incoming signal strength in wireless receivers. 3. **Radar Systems:** Detecting pulsed signals due to its fast 8ns response time. 4. **Precision Instrumentation:** RF power meters and analyzers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Measurement Mode and Controller Mode for the AD8319?
    • ⤷ How do you calculate the output voltage slope (mV/dB) for this component?
    • ⤷ What are the recommended decoupling capacitor values for the supply pins?