データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8332ACP-R2

  • AI
    The **AD8332ACP-R2** is a high-performance, dual-channel **Variable Gain Amplifier (VGA)** designed by Analog Devices. It is optimized for ultrasound systems and radar applications that require a wide dynamic range and low noise. --- ### 1. Key Technical Specifications The AD8332 integrates three main stages per channel: a Low Noise Amplifier (LNA), a Voltage-Controlled Attenuator, and a Post-Amp with selectable gain. | Feature | Specification | |:---|:---| | **Channels** | Dual (2 Channels) | | **Bandwidth** | 120 MHz | | **Input Noise** | 0.74 nV/√Hz | | **Gain Range** | 48 dB (e.g., -4.5 dB to +43.5 dB) | | **Supply Voltage** | 5V Typical | | **Package Type** | LFCSP-32 (5mm x 5mm) | | **Control Interface** | Analog Voltage (Gain Pin) | --- ### 2. Functional Blocks The device operates using the following internal architecture: 1. **LNA (Ultralow Noise Amplifier):** Acts as the interface for the transducer or signal source. It features a configurable input impedance to match different sensors. 2. **VGA (Variable Gain Amplifier):** This stage utilizes an "X-AMP" architecture, providing a linear-in-dB gain response relative to the control voltage. 3. **Post-Amplifier:** Provides the final output drive and includes options for selectable gain (usually 21 dB or 27 dB) and filtering. --- ### 3. Pinout and Connectivity (LFCSP-32) The **ACP** suffix refers to the Lead Frame Chip Scale Package. Key pins include: * **INHx:** High-impedance input for the LNA. * **GAIN:** The common gain control pin for both channels (0V to 1V range). * **VOUTx:** Differential or single-ended outputs. * **ENBL:** Chip enable/power-down pin. * **LONx/LOPx:** LNA output pins, often coupled via capacitors to the VGA input. --- ### 4. Typical Applications * **Medical Imaging:** Time Gain Control (TGC) in ultrasound machines. * **Industrial:** Non-destructive testing (NDT) and sonar. * **Communications:** Automatic Gain Control (AGC) in high-speed receivers. --- ### 5. Part Number Breakdown: AD8332ACP-R2 * **AD8332:** Base model (Dual-channel VGA). * **ACP:** Package designator (LFCSP). * **R2:** Packaging suffix, typically indicating a 7-inch reel with 250 units (low volume reel). ---
    ✨ Follow-up Questions
    • ⤷How does the gain control voltage relate to the dB gain output in the AD8332?
    • ⤷ What are the primary differences between the AD8331 and AD8332?
    • ⤷ What external components are required for the LNA input matching?