データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8332ACPZ-R2

  • AI
    ## Overview of the AD8332ACPZ-R2 The **AD8332ACPZ-R2** is a high-performance, dual-channel **Variable Gain Amplifier (VGA)** designed by Analog Devices. It is specifically optimized for ultrasound systems, sonar, and high-performance communications where a wide dynamic range and low noise are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Gain Range** | -4.5 dB to +43.5 dB (Linear-in-dB) | | **Bandwidth** | 120 MHz (-3 dB) | | **Noise Figure** | 3.5 nV/√Hz (at maximum gain) | | **Input Impedance** | Active Selectable (Internal LNA) | | **Supply Voltage** | 5V Typical | | **Package** | LFCSP-32 (5mm x 5mm) | --- ### 2. Core Functional Blocks The AD8332 consists of three primary stages per channel that work together to process high-frequency signals: 1. **Ultra-Low Noise Pre-amplifier (LNA):** Acts as the interface for the transducer or signal source. It features an "Active Termination" capability, allowing the input impedance to be matched to the source without adding the noise penalty of a physical resistor. 2. **Variable Gain Amplifier (VGA):** Uses a proprietary interpolation technique to provide a continuous gain range of 48 dB. The gain is controlled by an external voltage ($V_{GAIN}$), providing a precise **"Linear-in-dB"** response. 3. **Programmable Post-Amplifier:** Allows the user to select the final output swing and filter high-frequency noise. It can be set to different gain levels (e.g., 3.5 dB or 15.5 dB) to match the input requirements of an Analog-to-Digital Converter (ADC). --- ### 3. Pin Configuration Categories | Pin Type | Description | | :--- | :--- | | **LNA Inputs (INH1, INH2)** | High-impedance inputs for the Low Noise Amplifier. | | **Gain Control (GAIN)** | A common voltage input that controls the gain for both channels simultaneously. | | **Clamping (VCLAMP)** | Sets the maximum output voltage to prevent overdriving the downstream ADC. | | **Mode/HILO** | Digital pins to set the output gain range and power-down states. | | **Outputs (VOUT1, VOUT2)** | Differential or single-ended outputs for signal processing. | --- ### 4. Typical Applications * **Medical Imaging:** Used in the Time Gain Compensation (TGC) path of ultrasound machines to amplify weak signals from deeper tissues. * **Industrial Sonar:** Signal conditioning for underwater acoustic sensors. * **Communications:** Automatic Gain Control (AGC) loops in high-speed receivers. * **Test Equipment:** High-performance data acquisition systems. --- ### 5. Circuit Design Considerations ```markdown * **Decoupling:** Use 0.1 µF and 10 µF capacitors near the power pins (VPOS) to minimize noise. * **Thermal Management:** The LFCSP package has an exposed pad (EPAD) that must be soldered to the PCB ground plane for heat dissipation. * **Gain Control Sensitivity:** The gain control input is sensitive; use a low-noise reference voltage to avoid modulating noise into the signal path. ```
    ✨ Follow-up Questions
    • ⤷ How does 'Active Termination' in the AD8332 differ from standard resistive termination?
    • ⤷ What is the relationship between the GAIN pin voltage and the actual decibel output?
    • ⤷ Can the gain of the two channels be controlled independently?