データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8338ACPZ-R7

  • AI
    The **AD8338ACPZ-R7** is a high-performance, low-power Variable Gain Amplifier (VGA) manufactured by Analog Devices. It is designed specifically for applications requiring a wide dynamic range and consistent performance across varying signal levels. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8338: | Parameter | Specification | | :--- | :--- | | **Type** | Variable Gain Amplifier (VGA) | | **Bandwidth** | 18 MHz | | **Gain Range** | 0 dB to 80 dB (Continuously Adjustable) | | **Input Voltage Noise** | 4.5 nV/√Hz | | **Supply Voltage** | 3.0 V to 5.0 V | | **Supply Current** | 3 mA (Low Power Consumption) | | **Input Type** | Fully Differential or Single-Ended | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ## 2. Core Functional Parts The AD8338 consists of several integrated blocks that work together to manage signal amplification: ### A. Variable Gain Amplifier (VGA) Core The heart of the chip is the VGA, which uses a proprietary architecture to provide a linear-in-dB gain response. The gain is controlled by an external analog voltage applied to the `GAIN` pin. ### B. Automatic Gain Control (AGC) Loop One of the standout features of the AD8338 is its internal **programmable RMS detector**. This allows the chip to function as a complete AGC system. It can automatically adjust its own gain to maintain a constant output level even if the input signal fluctuates wildly. ### C. Offset Correction Loop Because high-gain amplifiers are sensitive to DC offsets, the AD8338 includes an internal offset nulling circuit. This ensures that the output signal remains centered, preventing clipping and distortion in high-gain settings. --- ## 3. Pinout and Connectivity (Selection) | Pin Name | Function | Description | | :--- | :--- | :--- | | **INP / INN** | Differential Inputs | High impedance inputs for the signal. | | **OUTP / OUTN** | Differential Outputs | Output signal pins. | | **GAIN** | Gain Control | Voltage input that determines the amplifier gain. | | **MODE** | Operating Mode | Toggles between AGC mode and manual gain control. | | **VSET** | Setpoint | Determines the target output level when in AGC mode. | --- ## 4. Typical Applications * **Medical Imaging:** Ultrasound and PET scanners. * **Industrial Sensing:** Sonar and proximity sensors. * **Communications:** Signal leveling in receivers and RSSI (Received Signal Strength Indicator) circuits. * **Audio Processing:** High-quality voice recording and noise-canceling systems. --- ## 5. Part Number Breakdown: AD8338ACPZ-R7 * **AD8338:** The base model number. * **A:** Temperature range (usually -40°C to +85°C). * **CP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **R7:** Packaging format (7-inch Reel, usually containing 1,500 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the linear-in-dB gain control simplify circuit design?
    • ⤷ What are the advantages of using the AD8338 in differential mode versus single-ended?
    • ⤷ Can you explain the external components required to set the AGC time constant?