データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD834ARZ-R7

  • AI
    ## Overview of AD834ARZ-R7 The **AD834ARZ-R7** is a high-speed, four-quadrant analog multiplier manufactured by Analog Devices. It is designed for high-frequency signal processing and is capable of handling bandwidths up to **500 MHz**. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Type** | Four-Quadrant Multiplier | | **Bandwidth** | 500 MHz | | **Supply Voltage** | ±4V to ±9V | | **Output Type** | Differential Current Output | | **Package** | SOIC-8 (Small Outline Integrated Circuit) | | **Operating Temp** | -40°C to +85°C | | **Transfer Function** | $W = \frac{X \cdot Y}{U}$ | --- ### Core Electronic Components & Architecture The device utilizes a specialized architecture to achieve its high-speed performance: #### 1. Gilbert Cell Core The heart of the AD834 is a **Gilbert cell** (a double-balanced mixer circuit). This allows for multiplication of two input signals ($X$ and $Y$) while maintaining high linearity and wide bandwidth. #### 2. Input Stages - **X and Y Inputs:** These are differential inputs with high impedance. - They are designed to accept signals within a range of ±1V for linear operation. #### 3. Output Configuration - **Differential Current:** Unlike many multipliers that provide a voltage output, the AD834 provides a differential current output. - **Scaling:** To convert the output to a voltage, external load resistors or an operational amplifier (in an I-to-V configuration) must be used. #### 4. Power Management - The device requires dual power supplies (positive and negative rails). - The "ARZ" suffix denotes the standard industrial grade in a lead-free SOIC package, while "R7" indicates it is supplied on a **7-inch tape and reel** (3000 units). --- ### Typical Applications 1. **High-Speed Modulation:** Used in AM (Amplitude Modulation) and double-sideband suppressed-carrier (DSB-SC) modulation. 2. **Phase Detection:** Comparing the phase difference between two high-frequency signals. 3. **Power Measurement:** Calculating real-time power by multiplying instantaneous voltage and current signals. 4. **Variable Gain Amplifiers (VGA):** Controlling the gain of a signal electronically by applying a DC control voltage to one of the inputs. --- ### Comparison with Voltage-Output Multipliers | Aspect | AD834 (Current Output) | Standard Multipliers (Voltage Output) | | :--- | :--- | :--- | | **Speed** | Very High (500 MHz) | Moderate (10 - 50 MHz) | | **Flexibility** | High (User defines conversion gain) | Low (Fixed internal gain) | | **Complexity** | Requires external output circuitry | Drop-in ready |
    ✨ Follow-up Questions
    • ⤷ How do you convert the differential current output of the AD834 to a single-ended voltage?
    • ⤷ What are the common noise considerations when using this multiplier at 500 MHz?
    • ⤷ Can the AD834 be used with a single-sided power supply?