データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8351ARM-R2

  • AI
    The **AD8351ARM-R2** is a high-performance, fully differential amplifier designed primarily for RF and IF applications. It is manufactured by Analog Devices and is widely used for driving high-speed Analog-to-Digital Converters (ADCs). --- ## 1. Key Specifications The following table summarizes the primary electrical and physical characteristics of the AD8351ARM-R2. | Parameter | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Bandwidth (-3 dB)** | 2.2 GHz | | **Slew Rate** | 11,000 V/µs | | **Gain Range** | 0 dB to 26 dB (Resistor Programmable) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Supply Current** | ~28 mA | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Core Functional Features ### A. High Speed and Low Distortion The AD8351 is optimized for high-speed signals. With a 2.2 GHz bandwidth, it can handle high-frequency IF (Intermediate Frequency) signals with minimal signal degradation. It features exceptionally low harmonic distortion, which is critical for maintaining signal integrity in communication systems. ### B. Resistor-Programmable Gain Unlike fixed-gain amplifiers, the gain of the AD8351 is set by a single external resistor ($R_G$). This allows engineers to tune the gain specifically for their application requirements: * **Low Gain:** Provides higher bandwidth. * **High Gain:** Provides higher sensitivity for weak signals. ### C. Differential Input/Output The device is fully differential, meaning it processes the difference between two signals. This architecture provides: 1. **Noise Immunity:** Rejects common-mode noise. 2. **ADC Compatibility:** Most modern high-speed ADCs require differential inputs to maximize dynamic range. --- ## 3. Typical Application Circuit When integrating this part into a PCB design, the setup usually involves input/output matching and gain setting. ```text Input (+) ----[ C_in ]----+-----------+---- Output (+) | | [ R_G ] [AD8351] | | Input (-) ----[ C_in ]----+-----------+---- Output (-) ``` * **C_in:** DC blocking capacitors. * **R_G:** Gain setting resistor connected between the RG pins. * **Power:** Typically bypassed with 0.1 µF and 10 pF capacitors to reduce supply noise. --- ## 4. Common Use Cases * **ADC Drivers:** Buffering and amplifying signals before they enter an ADC. * **Differential Receivers:** Converting single-ended RF signals to differential signals (using a balun or the chip's internal structure). * **Base Stations:** Used in cellular infrastructure for signal processing. * **Instrumentation:** High-speed data acquisition systems. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the value of the external resistor (RG) for a specific gain?
    • ⤷ What are the advantages of using the MSOP package for this amplifier?
    • ⤷ How does the AD8351 perform in terms of noise figure compared to other differential amplifiers?