データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8372ACPZ-R7

  • AI
    ## Overview of the AD8372ACPZ-R7 The **AD8372ACPZ-R7** is a high-performance, dual-channel, digitally controlled **Variable Gain Amplifier (VGA)** manufactured by Analog Devices. It is designed specifically to provide precise gain control and high linearity for high-frequency signal chains. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Dual Digitally Controlled VGA | | **Gain Range** | -9 dB to +22 dB | | **Gain Resolution** | 1 dB steps | | **Bandwidth (-3 dB)** | 130 MHz | | **Supply Voltage** | 4.5 V to 5.5 V | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Output IP3** | 42 dBm at 70 MHz | --- ### Internal Electronic Components and Architecture The AD8372 consists of several integrated sub-systems that work together to process differential signals: 1. **Passive Attenuator Network:** The input signal first encounters a precision ladder network. By switching different paths in this network, the device achieves its 31 dB gain range without sacrificing high-frequency stability. 2. **Transconductance (gm) Stages:** The core of the amplification is handled by high-speed differential amplifiers that convert voltage to current for processing and then back to voltage. 3. **Digital Control Interface:** The device features a serial or parallel interface (SPI-compatible) that controls internal CMOS switches. These switches select the attenuation level based on a 5-bit binary code per channel. 4. **Differential Output Drivers:** The outputs are designed to drive low-impedance loads (typically 150 $\Omega$ to 200 $\Omega$) with high linearity, making them ideal for driving high-speed Analog-to-Digital Converters (ADCs). --- ### Pin Configuration Categories | Group | Function | | :--- | :--- | | **Analog Inputs** | Differential pairs (INPP, INPN) for each channel. | | **Analog Outputs** | Differential pairs (OUTPP, OUTPN) for driving ADCs. | | **Digital Control** | Data pins (D0-D4) or SPI lines (SDIO, SCLK, CSB) to set gain. | | **Power/Ground** | VCC and GND pins for the analog and digital domains. | | **Common-Mode** | VOCM pins to set the output DC offset level. | --- ### Application Usage The AD8372 is commonly used in the "IF" (Intermediate Frequency) stage of a wireless receiver. Its primary role is to ensure the signal entering the ADC is at the optimal power level, preventing clipping while maintaining a high Signal-to-Noise Ratio (SNR). * **Wireless Infrastructure:** 3G/4G/5G Base stations. * **Instrumentation:** Signal generators and spectrum analyzers. * **Medical Imaging:** Ultrasound and automated gain control loops.
    ✨ Follow-up Questions
    • ⤷ What is the difference between controlling the AD8372 in serial versus parallel mode?
    • ⤷ How do you interface the VOCM pin with a high-speed ADC?
    • ⤷ What are the power consumption characteristics of this IC during operation?