データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8375ACPZ-R7

  • AI
    ## Overview of the AD8375ACPZ-R7 The **AD8375ACPZ-R7** is a high-performance, digitally controlled variable gain amplifier (VGA) manufactured by Analog Devices. It is designed to provide precise gain control, high linearity, and low noise, making it ideal for high-dynamic-range receivers and data acquisition systems. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Digital Variable Gain Amplifier (VGA) | | **Bandwidth (-3 dB)** | 630 MHz | | **Gain Range** | -4 dB to +20 dB | | **Gain Step Size** | 1 dB (5-bit control) | | **Output IP3** | 50 dBm at 70 MHz | | **Noise Figure** | 8 dB at maximum gain | | **Interface** | Parallel 5-bit digital interface | | **Package** | 24-Lead LFCSP (4mm x 4mm) | | **Supply Voltage** | 4.5 V to 5.25 V | --- ### Core Electronic Components & Architecture The AD8375 utilizes a sophisticated internal architecture to maintain constant impedance and high linearity across its entire gain range: 1. **Differential Amplifier Core:** The device is fully differential, which helps in suppressing common-mode noise and reducing even-order harmonic distortion. 2. **Passive Attenuator Network:** Instead of varying the active gain of the transistors (which can degrade linearity), the AD8375 uses a precise passive attenuator followed by a fixed-gain amplifier. 3. **Digital Control Logic:** A 5-bit parallel interface controls the internal switches that select the attenuation level, allowing for 24 distinct gain settings in 1 dB increments. 4. **Output Driver:** Optimized to drive high-speed Analog-to-Digital Converters (ADCs), specifically those used in IF and RF sampling. --- ### Typical Application Circuitry To function correctly in a circuit, the AD8375 typically requires the following external components: * **AC Coupling Capacitors:** Necessary at both the input and output pins to prevent DC bias currents from interfering with the internal biasing of the VGA. * **Power Supply Decoupling:** A combination of 0.1 µF and 100 pF capacitors placed close to the $V_{CC}$ pins to minimize power supply noise. * **Differential Termination:** Resistors (typically 150 $\Omega$ to 400 $\Omega$) are used at the input and output to match the characteristic impedance of the system. ### Common Use Cases * **Wireless Infrastructure:** Used in cellular base stations for Automatic Gain Control (AGC). * **Signal Analysis:** High-end oscilloscopes and spectrum analyzers. * **Medical Imaging:** Ultrasound and MRI signal processing chains. ---
    ✨ Follow-up Questions
    • ⤷What are the primary advantages of using a differential VGA over a single-ended one?
    • ⤷ How does the gain step accuracy of the AD8375 impact ADC performance?
    • ⤷ Can you provide a recommended schematic for interfacing the AD8375 with an ADC?