データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8376ACPZ-R7

  • AI
    ## AD8376ACPZ-R7: Technical Overview The **AD8376ACPZ-R7** is a high-performance, dual-channel, digitally controlled **Variable Gain Amplifier (VGA)** manufactured by Analog Devices. It is designed specifically for demanding intermediate frequency (IF) and radio frequency (RF) applications where precise gain control and high linearity are required. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Dual Digitally Controlled Variable Gain Amplifier (VGA) | | **Frequency Range** | 700 MHz to 1100 MHz (Optimized), operational LF to 1.2 GHz | | **Gain Range** | -4 dB to +20 dB | | **Gain Step Size** | 1 dB (5-bit control) | | **Output IP3** | 50 dBm at 200 MHz | | **Noise Figure** | 8.2 dB at maximum gain | | **Interface** | Parallel 5-bit digital interface | | **Package** | 32-lead LFCSP (5mm x 5mm) | | **Voltage Supply** | 4.5 V to 5.5 V | --- ### 2. Functional Components The AD8376 is comprised of several critical internal blocks: * **Digitally Controlled Attenuator:** A 5-bit ladder network that provides precise 1 dB steps over a 24 dB range. * **Fixed Gain Amplifier:** A high-linearity amplifier core that follows the attenuator to provide the necessary signal boost. * **Differential Input/Output:** Both channels utilize differential signaling to provide superior common-mode noise rejection and reduced second-order harmonic distortion. * **Power-Down Logic:** Includes pins to disable specific channels, reducing power consumption when a channel is idle. --- ### 3. Pin Configuration & Application #### Common Pin Functions: * **VPOS:** Power supply pins (typically +5V). * **ENBL1 / ENBL2:** Enable pins for Channel 1 and Channel 2. * **D0 - D4:** Digital control bits for gain setting. * **INHI / INLO:** Differential RF inputs. * **OPHI / OPLO:** Differential RF outputs. #### Application Usage: This part is commonly found in the following systems: 1. **Differential ADC Drivers:** Used to scale signal levels before entering high-speed Analog-to-Digital Converters. 2. **Wireless Infrastructure:** Base stations (WCDMA, LTE, TD-SCDMA) for signal conditioning. 3. **Receiver Gain Control:** Automated Gain Control (AGC) loops in communication receivers. --- ### 4. Programming the Gain The gain is controlled via a parallel interface. The relationship between the digital code and the gain follows this logic: ```c // Pseudocode representation of gain mapping float calculate_gain(int digital_input) { // Range is 0 to 31 (5-bit) // 0 = -4 dB (Minimum Gain) // 24 = +20 dB (Maximum Gain) // Gains above 24 are typically clamped or redundant float gain = -4.0 + (float)digital_input; return gain; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the LFCSP package to ensure thermal stability?
    • ⤷ How does the AD8376 compare to the AD8375 in terms of channel count and performance?
    • ⤷ Can the AD8376 be used for frequencies below 700 MHz
    • ⤷ and what are the trade-offs?