データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8390AACPZ-R2

  • AI
    ## Overview of the AD8390AACPZ-R2 The **AD8390AACPZ-R2** is a high-output current, low-power consumption differential amplifier manufactured by **Analog Devices**. It is specifically designed as a line driver for ADSL/ADSL2+ systems and other high-speed communication applications requiring high linearity under heavy loads. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Differential Line Driver | | **Output Current** | High Current (up to 400mA peak) | | **Supply Voltage Range** | 10V to 12V (Total Span) | | **Supply Current** | 10 mA per amplifier (low power mode) | | **Bandwidth** | 60 MHz (-3 dB) | | **Slew Rate** | 300 V/µs | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Features * **High Linearity:** It maintains very low distortion even when driving low-impedance loads (such as telephone lines), which is critical for maintaining data integrity in DSL signals. * **Edge Control:** The device features a "Power-Down" and "Bias Adjustment" pin, allowing engineers to reduce power consumption during idle periods. * **Differential Input/Output:** Optimized for balanced signal transmission, which helps in rejecting common-mode noise. * **Thermal Efficiency:** The LFCSP package includes an exposed thermal pad to manage the heat generated by the high-output current. --- ### 3. Pinout and Internal Logic The AD8390 consists of two high-speed operational amplifiers configured to work as a differential pair. | Pin Number(s) | Function | Description | | :--- | :--- | :--- | | **1, 16** | IN+ / IN- | Non-inverting and Inverting inputs for the signal. | | **8, 9** | OUT+ / OUT- | High-current differential outputs. | | **13** | PWDN | Power-down pin to enter low-power sleep mode. | | **Exposed Pad** | Ground / Heat Sink | Must be soldered to the PCB ground plane for thermal dissipation. | --- ### 4. Common Applications * **ADSL/ADSL2+ Line Drivers:** Used in Central Office (CO) and Customer Premises Equipment (CPE). * **Video Distribution:** Driving high-definition video signals over long cables. * **Arbitrary Waveform Generators:** Providing high current for signal generation tools. * **Twisted-Pair Drivers:** Used in industrial environments for robust signal transmission. --- ### 5. Design Considerations * **Decoupling:** Use 0.1µF ceramic capacitors in parallel with 10µF tantalum capacitors near the power supply pins to minimize noise. * **Thermal Management:** Because this part can drive 400mA, the PCB layout must account for heat. Ensure the bottom pad is connected to a large copper area. * **Impedance Matching:** Proper termination resistors are required at the output to match the characteristic impedance of the transmission line (usually 100Ω for twisted pair).
    ✨ Follow-up Questions
    • ⤷ What are the specific power-down modes available for the AD8390?
    • ⤷ How does the AD8390 compare to the AD8391 in terms of power efficiency?
    • ⤷ Can the AD8390 be used in a single-ended configuration?