データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8421ARMZ-R7

  • AI
    The **AD8421ARMZ-R7** is a high-performance, low-power, extremely low-noise instrumentation amplifier designed by Analog Devices. It is specifically engineered for high-precision data acquisition and signal conditioning applications. --- ### ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8421: | Parameter | Specification | | :--- | :--- | | **Architecture** | 3-Op Amp Instrumentation Amplifier | | **Gain Range** | 1 to 10,000 (Set by a single resistor $R_G$) | | **Bandwidth** | 2 MHz (G=100); 10 MHz (G=1) | | **Input Voltage Noise** | 3 nV/√Hz | | **Slew Rate** | 35 V/µs | | **Quiescent Current** | 2.0 mA (Maximum) | | **Supply Voltage Range** | ±2.5 V to ±18 V | | **CMRR (Min, G=100)** | 110 dB | --- ### ## 2. Core Features and Benefits * **High Speed:** Unlike many high-precision amplifiers, the AD8421 offers a high slew rate and wide bandwidth, making it suitable for multiplexed applications. * **Low Noise and Bias:** It features extremely low input noise (3 nV/√Hz) and low input bias current (0.5 nA max), which ensures signal integrity when interfacing with high-impedance sensors. * **Robust Protection:** The inputs are equipped with ESD protection and can withstand voltages up to 40V from the opposite supply rail without damage. * **Precision Accuracy:** High Common-Mode Rejection Ratio (CMRR) allows the device to extract small signals in the presence of large common-mode noise (like 60Hz hum). --- ### ## 3. Pinout and Configuration The "ARMZ" designation refers to the **8-lead MSOP** package. | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | -IN | Inverting Input | | 2 | RG | Gain Setting Pin | | 3 | RG | Gain Setting Pin | | 4 | +IN | Non-Inverting Input | | 5 | -Vs | Negative Supply Voltage | | 6 | REF | Reference Pin (Sets Output Offset) | | 7 | Vout | Output Pin | | 8 | +Vs | Positive Supply Voltage | --- ### ## 4. Application Circuit (Gain Formula) The gain of the AD8421 is set by placing a single external resistor ($R_G$) between pins 2 and 3. The transfer function is: ```math G = 1 + \frac{9.9 \text{ k}\Omega}{R_G} ``` **Example Values:** * For **G = 1**: Leave $R_G$ open. * For **G = 10**: $R_G \approx 1.1 \text{ k}\Omega$. * For **G = 100**: $R_G \approx 100 \Omega$. --- ### ## 5. Common Applications 1. **Medical Instrumentation:** ECG and EEG monitoring where low noise is critical. 2. **Industrial Process Control:** Strain gauge bridges and RTD (Resistance Temperature Detector) sensors. 3. **Precision Data Acquisition:** Front-end for high-resolution ADCs. 4. **Signal Conditioning:** Offsetting and scaling differential signals for single-ended processing.
    ✨ Follow-up Questions
    • ⤷How do I calculate the exact resistor value for a Gain of 50 in the AD8421?
    • ⤷ What are the differences between the AD8421 and the older AD620?
    • ⤷ How should the REF pin be connected for a single-supply ADC application?