データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8432ACPZ-R7

  • AI
    ## Overview of the AD8432ACPZ-R7 The **AD8432ACPZ-R7** is a high-performance, dual-channel, low-noise amplifier designed specifically for precision signal processing. It is manufactured by **Analog Devices** and is commonly utilized in medical ultrasound systems and high-end communication equipment. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | 2 (Dual) | | **Amplifier Type** | Ultralow Noise, Precision Amplifier | | **Bandwidth (-3 dB)** | 200 MHz | | **Voltage Noise** | 0.85 nV/√Hz | | **Slew Rate** | 250 V/µs | | **Supply Voltage Range** | 4.5 V to 5.5 V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) | --- ### 2. Functional Description The AD8432 is architected to provide high dynamic range with minimal power consumption. Its primary features include: * **Selectable Gain:** It offers pin-selectable gains (e.g., 12 dB, 18 dB, or 24 dB), allowing flexibility in various signal chain designs without needing external resistors for gain setting. * **Differential Outputs:** The device provides differential outputs, which are essential for driving high-performance Analog-to-Digital Converters (ADCs) while maintaining high noise immunity. * **Low Distortion:** It maintains low harmonic distortion even at high frequencies, which is critical for maintaining image clarity in medical imaging. --- ### 3. Pin Configuration & Packaging The **"ACPZ"** suffix indicates the package style (LFCSP), and **"R7"** indicates the packaging format (7-inch Tape and Reel). * **LFCSP-24:** This is a 4mm x 4mm surface-mount package. It features an **Exposed Pad (EP)** on the bottom, which must be soldered to the PCB ground plane for both electrical grounding and thermal dissipation. --- ### 4. Common Applications 1. **Medical Ultrasound:** Used in the front-end receiver to amplify weak signals from transducers. 2. **Digital Beamforming:** High-speed data acquisition systems. 3. **Communication Systems:** For low-noise amplification in RF or IF stages. 4. **Nondestructive Testing (NDT):** Industrial imaging and sensing. --- ### 5. Circuit Design Considerations * **Decoupling:** Use 0.1 µF and 10 µF capacitors as close to the supply pins as possible to minimize power supply noise. * **Impedance Matching:** Ensure input impedance is matched correctly to the source to avoid reflections and maintain the low noise figure. * **Thermal Management:** The exposed pad is critical; without proper soldering to a large copper area, the chip may overheat during high-speed operation.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using the AD8432 over a standard op-amp in ultrasound applications?
    • ⤷ Can you provide a typical wiring diagram for the selectable gain pins?
    • ⤷ What is the power consumption per channel for the AD8432?