データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8496ARMZ-R7

  • AI
    The **AD8496ARMZ-R7** is a precision instrumentation amplifier specifically designed for thermocouple cold-junction compensation and signal conditioning. It is manufactured by Analog Devices and is widely used for high-accuracy temperature measurement. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the AD8496: | Parameter | Specification | | :--- | :--- | | **Thermocouple Type** | J-Type | | **Output Scaling** | 5 mV/°C | | **Supply Voltage Range** | 2.7 V to 36 V (Single) or ±1.35 V to ±18 V (Dual) | | **Operating Current** | 180 µA (Typical) | | **Package Type** | 8-Lead MSOP (ARMZ suffix) | | **Operating Temperature** | -40°C to +125°C | | **Output Type** | Analog Voltage | --- ## 2. Key Functional Features ### A. Integrated Cold-Junction Compensation Thermocouples generate a voltage based on the temperature difference between the "hot junction" (the probe) and the "cold junction" (where the wires connect to the PCB). The AD8496 includes an internal temperature sensor that automatically compensates for ambient temperature changes at the cold junction, ensuring accurate absolute temperature readings. ### B. High Common-Mode Rejection As an instrumentation amplifier, the AD8496 is designed to reject common-mode noise. This is critical because thermocouples often act as antennas, picking up 50Hz/60Hz power line interference. ### C. Thermocouple Break Detection The chip includes circuitry to detect if the thermocouple sensor has become disconnected or broken. In such a case, the output voltage is driven to a specific rail (usually high), allowing the system controller to trigger an error state. --- ## 3. Pin Configuration and Application The device is housed in a small 8-lead MSOP package. Below is a simplified representation of its functional pins: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | -IN | Negative Thermocouple Input | | 2 | +IN | Positive Thermocouple Input | | 3 | REF | Reference Input (Sets the 0°C output level) | | 4 | V- | Negative Supply or Ground | | 5 | NC | No Connection | | 6 | OUT | Analog Voltage Output (5 mV/°C) | | 7 | V+ | Positive Supply Voltage | | 8 | SENSE | Feedback for the output buffer | --- ## 4. Typical Implementation Example To use the AD8496, you typically connect the thermocouple directly to pins 1 and 2. The output can be calculated using a simple linear formula: ```math Vout = (T_thermocouple \times 5mV/°C) + V_ref ``` If the `REF` pin is grounded (0V), a 100°C measurement will result in a **500mV** output signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8494
    • ⤷ AD8495
    • ⤷ and AD8496 series?
    • ⤷ How do I calibrate the AD8496 for sub-zero temperature measurements?
    • ⤷ What external filtering is recommended for the AD8496 inputs?