データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8497ARMZ-R7

  • AI
    ## Overview of the AD8497ARMZ-R7 The **AD8497ARMZ-R7** is a precision instrumentation amplifier specifically designed for thermocouple cold-junction compensation and signal conditioning. It is manufactured by **Analog Devices**. --- ### Key Technical Specifications | Parameter | Specification | |:---|:---| | **Thermocouple Type** | K-Type | | **Input Type** | Differential | | **Output Type** | Single-Ended (Rail-to-Rail) | | **Supply Voltage Range** | 2.7V to 36V (Single) / ±1.35V to ±18V (Dual) | | **Gain** | 5 mV/°C | | **Accuracy** | ±3°C (Initial Accuracy) | | **Package** | 8-MSOP (Micro Small Outline Package) | | **Operating Temp Range** | -40°C to +125°C | --- ### Core Functional Features 1. **Cold Junction Compensation:** Thermocouples measure the temperature difference between two junctions. The AD8497 includes an internal temperature sensor that automatically compensates for the "cold junction" (the ambient temperature at the circuit board), ensuring the output represents the actual temperature at the probe tip. 2. **Integrated Instrumentation Amplifier:** It amplifies the tiny millivolt signals produced by a K-type thermocouple into a usable linear voltage. With a transfer function of **$V_{OUT} = (T_{MJ} \times 5mV/°C) + V_{REF}$**, it simplifies the interface between the sensor and an Analog-to-Digital Converter (ADC). 3. **Thermocouple Break Detection:** The chip includes circuitry to detect if the thermocouple wire is broken or disconnected. It can be configured to drive the output to a "full-scale" (high) voltage if an open-circuit condition is detected. 4. **High Common-Mode Rejection (CMRR):** It is designed to reject noise that is common to both thermocouple leads, which is vital in industrial environments where long sensor wires can act as antennas for EMI. --- ### Pin Configuration Summary | Pin | Name | Description | |:---:|:---|:---| | 1 | **-IN** | Inverting Input (Connect to Thermocouple Negative) | | 2 | **+IN** | Non-Inverting Input (Connect to Thermocouple Positive) | | 3 | **REF** | Reference Voltage Input (Usually Ground) | | 4 | **-V_S** | Negative Supply Voltage | | 5 | **SENSE** | Feedback Sense (Connect to V_OUT for standard gain) | | 6 | **V_OUT** | Analog Output Voltage | | 7 | **+V_S** | Positive Supply Voltage | | 8 | **NC** | No Connection | --- ### Typical Application Circuit ```mermaid graph LR A[K-Type Thermocouple] --> B[AD8497] B --> C[Low Pass Filter] C --> D[Microcontroller ADC] E[Power Supply 5V] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8497 differ from the AD8495 or AD8494 models?
    • ⤷ What are the common design considerations for PCB layout when using this part?
    • ⤷ Can this IC be used for temperatures above 1000°C?