データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8506ARMZ-R7

  • AI
    The **AD8506ARMZ-R7** is a high-precision, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for low-power, battery-operated applications that require high accuracy and rail-to-rail performance. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8506ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | CMOS (Zero-Drift) | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 1.8V to 5.5V | | **Supply Current (per channel)** | 20 $\mu$A (Typical) | | **Input Offset Voltage** | 1 $\mu$V (Typical) | | **Gain Bandwidth Product** | 95 kHz | | **Slew Rate** | 0.05 V/$\mu$s | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features and Advantages * **Ultra-Low Power Consumption:** Consuming only 20 $\mu$A per amplifier, it is ideal for portable devices where battery life is critical. * **Zero-Drift Technology:** It utilizes a "chopper-stabilized" architecture, which virtually eliminates offset voltage and offset voltage drift over time and temperature. * **Rail-to-Rail Input/Output (RRIO):** The input and output voltage ranges can swing very close to the supply rails, maximizing dynamic range in low-voltage systems. * **Low Input Bias Current:** Being a CMOS-based op-amp, it has extremely low input bias current (picoampere range), making it suitable for high-impedance sensors. --- ### 3. Pinout Configuration The AD8506ARMZ-R7 comes in an 8-lead MSOP package. The typical pinout for this dual op-amp is: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT A** | Output of Channel A | | 2 | **-IN A** | Inverting Input of Channel A | | 3 | **+IN A** | Non-inverting Input of Channel A | | 4 | **V-** | Negative Supply (or Ground) | | 5 | **+IN B** | Non-inverting Input of Channel B | | 6 | **-IN B** | Inverting Input of Channel B | | 7 | **OUT B** | Output of Channel B | | 8 | **V+** | Positive Supply | --- ### 4. Typical Applications Due to its low power and high precision, this part is commonly used in: * **Medical Instrumentation:** Wearable glucose monitors, heart rate monitors, and pulse oximeters. * **Sensor Interfaces:** Thermocouples, strain gages, and precision current sensing. * **Battery Management:** Precision voltage monitoring and current measurement in power-sensitive devices. * **Remote Sensors:** IoT nodes that operate for years on a single coin-cell battery. --- ### 5. Ordering Information Meaning The suffix **ARMZ-R7** provides specific details about the packaging: * **ARMZ:** Indicates the MSOP-8 package and RoHS compliance (lead-free). * **R7:** Refers to the Tape and Reel packaging format (7-inch reel containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷What is the difference between a zero-drift op-amp and a standard CMOS op-amp?
    • ⤷ How does the low slew rate of the AD8506 affect its use in high-speed applications?
    • ⤷ Can the AD8506 be powered by a single 3V lithium battery?