データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8510ARM-R2

  • AI
    ## AD8510ARM-R2: Overview and Technical Specifications The **AD8510ARM-R2** is a high-precision, low-noise, JFET-input operational amplifier manufactured by Analog Devices. It is widely recognized for its high speed and excellent DC precision, making it ideal for high-impedance sensor interfaces and fast signal processing. --- ### 1. Key Technical Features The following table summarizes the primary electrical characteristics of the AD8510 series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Bias Current** | 20 (Max at 25°C) | pA | | **Slew Rate** | 20 | V/µs | | **Gain Bandwidth Product** | 8 | MHz | | **Supply Voltage Range** | ±5 to ±15 | V | | **Low Offset Voltage** | 400 (Max) | µV | | **Voltage Noise Density** | 8 | nV/√Hz | | **Settling Time (0.01%)** | 900 | ns | --- ### 2. Functional Components and Architecture The AD8510 architecture is designed to balance speed and accuracy: * **JFET Input Stage:** Unlike Bipolar op-amps, the JFET inputs allow for extremely low input bias currents. This is critical when working with high-resistance sources (like photodiodes) where bias current would otherwise create significant error voltages. * **High Slew Rate Circuitry:** The 20 V/µs slew rate allows the amplifier to follow fast-changing signals without significant distortion, making it suitable for driving Analog-to-Digital Converters (ADCs). * **Precision Trimmed Offset:** The internal circuitry is laser-trimmed to ensure that the input offset voltage remains low, reducing the need for external calibration. --- ### 3. Package and Ordering Information (ARM-R2) The suffix codes in "AD8510ARM-R2" provide specific details about the physical format: * **AD8510:** The base model number (Single Op-Amp). * **ARM:** Refers to the **MSOP-8** (Micro Small Outline Package). This is a compact surface-mount package. * **R2:** Indicates the packaging format for shipping, specifically a **7-inch Tape and Reel** containing 250 units (though this can vary by distributor, R2 usually refers to a specific reel size/quantity). --- ### 4. Common Applications Due to its high input impedance and speed, the AD8510ARM-R2 is commonly found in: 1. **Photodiode Amplifiers:** Converting low-level currents into measurable voltages. 2. **Precision Filters:** Active filters requiring high-frequency stability. 3. **Level Shifting:** Preparing signals for high-speed ADCs. 4. **Medical Instrumentation:** High-impedance sensor measurements (e.g., EEG/ECG leads).
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the AD8510 and the AD8512?
    • ⤷ How does the JFET input compare to a CMOS input in terms of noise?
    • ⤷ What are the thermal considerations for the MSOP-8 package in this device?