データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8512ARM-R2

  • AI
    ## AD8512ARM-R2: Detailed Electronic Overview The **AD8512ARM-R2** is a high-precision, dual-channel, JFET-input operational amplifier manufactured by Analog Devices. It is widely recognized for its combination of low noise, low input bias current, and high speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8512ARM-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Input Type** | JFET | | **Supply Voltage (Dual)** | ±5V to ±15V | | **Supply Voltage (Single)** | 10V to 30V | | **Gain Bandwidth Product** | 8 MHz | | **Slew Rate** | 20 V/µs | | **Offset Voltage (Max)** | 400 µV | | **Input Bias Current (Max)** | 20 pA | | **Package / Case** | MSOP-8 (ARM designates the package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features and Benefits * **JFET Input Technology:** The use of Junction Field-Effect Transistors at the input stage allows for extremely low input bias currents (pico-ampere range), making it ideal for high-impedance sensors. * **High Slew Rate:** At 20 V/µs, the amplifier can respond quickly to rapid changes in input signals, which is critical for pulse amplification and fast data acquisition. * **Low Noise:** It offers low voltage noise density (typically 8 nV/√Hz at 1 kHz), ensuring signal integrity in sensitive analog circuits. * **Settling Time:** It features a fast settling time to 0.01%, which is beneficial for driving Analog-to-Digital Converters (ADCs). --- ### 3. Application Use Cases The AD8512 series is commonly integrated into the following systems: 1. **Photodiode Pre-amps:** Due to the low bias current, it can amplify signals from light sensors without adding significant error. 2. **Active Filters:** High bandwidth and slew rate allow for the design of precise high-frequency filters. 3. **Precision Instrumentation:** Used in medical and scientific equipment where accuracy is paramount. 4. **Audio Preamplification:** Its low noise floor and high speed make it a favorite for high-fidelity audio signal paths. --- ### 4. Package and Ordering Information The suffix **ARM-R2** provides specific details about the physical delivery: * **ARM:** Refers to the **MSOP** (Mini Small Outline Package), an 8-lead plastic surface-mount package. * **R2:** Typically denotes the reel size or packaging format (in this case, often a 7-inch reel containing a specific quantity for automated assembly). --- ### 5. Typical Connection Diagram (Conceptual) ```text V+ (Pin 8) | --------- In- >--| - | | OpAmp |---> Out (Pin 1/7) In+ >--| + | --------- | V- (Pin 4) ``` *(Note: Pin 2/3 and 5/6 correspond to the inputs for the two separate amplifiers within the IC.)*
    ✨ Follow-up Questions
    • ⤷ How does the AD8512 compare to the AD8510 or AD8513 in terms of channel count?
    • ⤷ What are the power consumption characteristics of the AD8512 per amplifier?
    • ⤷ Are there specific layout considerations for the MSOP-8 package to minimize noise?