データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8531AKS-R2

  • AI
    ## AD8531AKS-R2: Overview and Technical Specifications The **AD8531AKS-R2** is a high-output current, low-power, CMOS operational amplifier manufactured by Analog Devices. It is specifically designed for applications where space is limited and high current drive is required. --- ### 1. Key Features The following table highlights the primary technical characteristics of the AD8531 series: | Feature | Specification | | :--- | :--- | | **Output Current** | 250 mA (High Drive) | | **Supply Voltage Range** | 2.7 V to 6.0 V | | **Input Bias Current** | 5 pA (Typical) | | **Bandwidth** | 3 MHz | | **Slew Rate** | 5 V/µs | | **Input/Output Type** | Rail-to-Rail | | **Package Type** | SC70-5 (AKS designation) | --- ### 2. Functional Description The AD8531 is unique because it combines the low input bias current of a CMOS op-amp with the power handling of a dedicated driver. * **Rail-to-Rail Performance:** Both the input and output can swing to the full extent of the power supply rails. This is critical for low-voltage systems (like 3V or 5V batteries) to maximize dynamic range. * **High Output Drive:** Capable of delivering up to 250 mA, making it suitable for driving resistive or capacitive loads that standard op-amps cannot handle. * **Single Supply Operation:** Optimized for single-supply operation, though it can function on dual supplies if the total voltage remains under 6V. --- ### 3. Pin Configuration (SC70-5) The **AKS** suffix refers to the 5-lead SC70 package, which is extremely small (approx. 2mm x 2.1mm). | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | OUT | Amplifier Output | | 2 | V- | Negative Supply (or Ground) | | 3 | +IN | Non-inverting Input | | 4 | -IN | Inverting Input | | 5 | V+ | Positive Supply | --- ### 4. Common Applications * **LCD Peak Drivers:** Used to drive the common plane of thin-film transistor (TFT) displays. * **Audio Power:** Driving low-impedance headphones or small speakers. * **ASIC Input/Output Buffers:** Interfacing low-power sensors with high-current inputs. * **Refrence Buffers:** Providing a stable, high-current voltage reference. --- ### 5. Part Number Breakdown * **AD8531:** The base model number. * **AKS:** Indicates the SC70 package type. * **R2:** Refers to the Tape and Reel packaging (usually a 7-inch reel with a specific quantity).
    ✨ Follow-up Questions
    • ⤷What is the difference between AD8531 and AD8532?
    • ⤷ Can the AD8531 be used for high-speed signal processing?
    • ⤷ What are the thermal considerations when drawing 250mA from an SC70 package?