データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8532ARMZ-R2

  • AI
    ## Overview of AD8532ARMZ-R2 The **AD8532ARMZ-R2** is a high-performance CMOS dual operational amplifier manufactured by Analog Devices. It is widely recognized for its high output drive current and rail-to-rail input/output capabilities, making it ideal for low-voltage applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2 Amplifiers) | | **Supply Voltage (Single)** | +2.7 V to +6.0 V | | **Output Current** | 250 mA (Peak) | | **Gain Bandwidth Product** | 3 MHz | | **Slew Rate** | 5 V/µs | | **Input Type** | Rail-to-Rail | | **Output Type** | Rail-to-Rail | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Features * **High Output Drive:** One of the standout features of this chip is its ability to drive up to 250 mA. This is significantly higher than standard op-amps, allowing it to drive heavy loads like motors, LEDs, or headphones directly. * **Rail-to-Rail Operation:** Both the input and output can swing to the full range of the power supply voltages. This maximizes the dynamic range in low-voltage battery systems. * **Low Bias Current:** Utilizing CMOS technology, it has very low input bias currents (typically 5 pA), which is excellent for high-impedance sensor interfaces. * **Single-Supply Operation:** Optimized for systems powered by 3V or 5V rails, typical in modern digital electronics. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | OUT A | Output of Amplifier A | | 2 | -IN A | Inverting Input of Amplifier A | | 3 | +IN A | Non-inverting Input of Amplifier A | | 4 | V- | Negative Supply / Ground | | 5 | +IN B | Non-inverting Input of Amplifier B | | 6 | -IN B | Inverting Input of Amplifier B | | 7 | OUT B | Output of Amplifier B | | 8 | V+ | Positive Supply | --- ### 4. Typical Applications 1. **Audio Amplification:** Driving 32-ohm or 64-ohm headphones in portable devices. 2. **Motor Control:** Providing current to small DC motors or serving as a buffer for reference voltages. 3. **ASIC Input/Output Drivers:** Acting as a high-current buffer between sensitive low-power logic and high-power peripherals. 4. **LCD Bias Supplies:** Generating the necessary voltages for display panels. --- ### 5. Part Number Breakdown: AD8532ARMZ-R2 * **AD8532:** Base model number (Dual CMOS Rail-to-Rail Op-Amp). * **A:** Performance Grade. * **RM:** Package type (MSOP - Micro Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R2:** Packaging format (Typically indicates a 7-inch tape and reel with 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8532 and the AD8531?
    • ⤷ How do I calculate the power dissipation when driving a 250mA load with this IC?
    • ⤷ Can the AD8532 be used in a split-supply configuration (+/- 2.5V)?