データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8541AKS-R2

  • AI
    ## Overview of the AD8541AKS-R2 The **AD8541AKS-R2** is a general-purpose, single-supply CMOS operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for low-power applications where rail-to-rail input and output capabilities are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Supply Current** | 45 µA per amplifier (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Slew Rate** | 0.4 V/µs | | **Input Offset Voltage** | 1 mV (Typical) | | **Package Type** | SC70-5 (ultra-compact) | | **Temperature Range** | -40°C to +125°C | --- ### 2. Major Features * **Rail-to-Rail Input/Output:** This allows the signal to swing very close to the power supply rails (ground and Vcc), maximizing the dynamic range in low-voltage systems. * **Low Power Consumption:** With a typical current draw of only 45 µA, it is ideal for battery-operated devices. * **High Output Drive:** Despite its low power consumption, it can drive relatively high capacitive loads and has an output current capability of up to 30 mA. * **No Phase Reversal:** The AD8541 is designed to prevent phase reversal when the input voltage exceeds the supply limits. --- ### 3. Pin Configuration (SC70-5 Package) The device comes in a very small 5-lead SC70 package, which is significantly smaller than a standard SOT-23. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | OUT | Amplifier Output | | 2 | V- | Negative Power Supply (Ground) | | 3 | +IN | Non-Inverting Input | | 4 | -IN | Inverting Input | | 5 | V+ | Positive Power Supply | --- ### 4. Common Applications 1. **ASIC Input or Output Amplifiers:** Used to buffer signals entering or exiting larger integrated circuits. 2. **Sensor Interfaces:** Amplifying low-level signals from temperature, pressure, or light sensors in portable devices. 3. **Battery-Powered Instrumentation:** Handheld multimeters, medical monitors, and portable audio equipment. 4. **Audio Integration:** Low-end filters or gain stages in consumer electronics. --- ### 5. Part Number Breakdown * **AD8541**: The base model number (Single CMOS Op-Amp). * **AKS**: Refers to the SC70-5 package style. * **R2**: Refers to the tape and reel size (usually a 7-inch reel containing a specific quantity, such as 3,000 units).
    ✨ Follow-up Questions
    • ⤷What are the differences between the AD8541 and the AD8542 or AD8544?
    • ⤷ How does the SC70 package compare to the SOT-23 in terms of PCB footprint?
    • ⤷ Can the AD8541 handle high-frequency signals beyond its 1 MHz bandwidth?