データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8541ART-R2

  • AI
    ## Technical Overview of AD8541ART-R2 The **AD8541ART-R2** is a low-power, single-supply operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for applications where power consumption and space are critical, such as battery-powered devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Supply Current (per Amp)** | 45 μA (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Output Type** | Rail-to-Rail | | **Input Type** | Rail-to-Rail | | **Package Type** | SOT-23-5 | | **Slew Rate** | 0.8 V/μs | --- ### 2. Major Features * **Rail-to-Rail Input and Output:** This allows the signal to swing very close to the supply rails, maximizing the dynamic range of the signal, which is vital for low-voltage (e.g., 3V) systems. * **Low Power Consumption:** Consuming only 45 μA per amplifier, it is ideal for portable equipment like PDAs and medical monitors. * **High Input Impedance:** This ensures minimal loading on preceding circuit stages. * **Small Footprint:** The "ART" suffix indicates the SOT-23 package, which is a miniature surface-mount package. --- ### 3. Pin Configuration (SOT-23-5) The AD8541 in the 5-lead SOT-23 package follows a standard op-amp pinout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | OUT | Output of the amplifier | | 2 | V- | Negative supply or Ground | | 3 | +IN | Non-inverting input | | 4 | -IN | Inverting input | | 5 | V+ | Positive supply voltage | --- ### 4. Typical Applications The AD8541 is commonly used in the following scenarios: 1. **ASIC Input or Output Amplifiers:** Buffering signals for microcontrollers. 2. **Sensor Interfaces:** Amplifying signals from photodiode sensors or thermistors. 3. **Portable Communications:** Cellular phones and pagers. 4. **Audio:** Low-power audio buffering. ### 5. Part Number Breakdown * **AD8541:** The base model number for this family of CMOS op-amps. * **ART:** Indicates the package style (SOT-23-5). * **R2:** Refers to the tape and reel size (usually 7-inch reel with 250 or 3000 units depending on manufacturer specifics). ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the AD8541 and the AD8542?
    • ⤷ How does 'Rail-to-Rail' improve performance in battery-powered circuits?
    • ⤷ Can this op-amp be used for high-speed signal processing?