データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8542ARM-R2

  • AI
    ## Technical Overview of the AD8542ARM-R2 The **AD8542ARM-R2** is a dual, rail-to-rail input and output, single-supply operational amplifier manufactured by Analog Devices. It is designed for low-power, general-purpose applications where battery life and space are critical. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Supply Current (per amp)** | 45 µA (Typical) | | **Gain Bandwidth Product** | 1 MHz | | **Slew Rate** | 0.4 V/µs | | **Input Bias Current** | 4 pA | | **Package Type** | MSOP-8 (RM-8) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. Rail-to-Rail Input/Output (RRIO) Unlike traditional op-amps that lose headroom near the supply rails, the AD8542 allows the input and output signals to swing very close to the positive supply and ground. This maximizes the **dynamic range** in low-voltage systems (like 3.3V logic). #### 2. CMOS Technology The device is built using a CMOS process, which results in: * **Extremely Low Input Bias Current:** Ideal for high-impedance sensor interfaces. * **Low Power Consumption:** At only 45 µA per amplifier, it is optimized for "always-on" battery devices. #### 3. Low Voltage Operation The part is fully specified at **2.7 V**, making it compatible with Li-Ion battery discharges and modern low-voltage microcontrollers. --- ### Typical Applications * **ASIC Input or Output Amplifiers:** Buffering signals for digital-to-analog or analog-to-digital converters. * **Sensor Interfaces:** Use with photodiode amplifiers or piezoelectric sensors due to low bias current. * **Portable Instrumentation:** Medical devices or handheld testers. * **Audio Buffering:** Low-power audio pre-amplification for consumer electronics. --- ### Internal Functional Diagram (MSOP-8) ```text Pinout for AD8542 (MSOP-8): 1: OUT A 8: V+ 2: -IN A 7: OUT B 3: +IN A 6: -IN B 4: V- 5: +IN B ``` --- ### Ordering Information Detail The suffix **"ARM-R2"** provides specific logistics information: * **ARM:** Refers to the MSOP package type. * **R2:** Indicates the tape and reel size (usually a 7-inch reel with 250 units, though this can vary by specific manufacturer batching).
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8542 and the AD8541?
    • ⤷ Can the AD8542 be used in a split-supply configuration?
    • ⤷ What is the input offset voltage of the AD8542ARM-R2?