データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8553ARMZ-R2

  • AI
    ## Overview of the AD8553ARMZ-R2 The **AD8553ARMZ-R2** is a high-precision, instrumentation amplifier manufactured by **Analog Devices**. It is specifically designed for high-gain applications where low noise, low offset voltage, and high common-mode rejection are critical. --- ### 1. Technical Specifications The table below summarizes the core electrical characteristics of the AD8553: | Parameter | Specification | | :--- | :--- | | **Architecture** | Auto-Zero / Zero-Drift | | **Supply Voltage (Single)** | 1.8V to 5.5V | | **Supply Voltage (Dual)** | ±0.9V to ±2.75V | | **Offset Voltage (Max)** | 20 μV | | **Offset Drift (Max)** | 0.1 μV/°C | | **Gain Range** | 1 to 1000 (Set by external resistors) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Features #### A. Zero-Drift Technology The AD8553 uses an "Auto-Zero" architecture. This continuously corrects for internal DC errors, which results in: * Extremely low input offset voltage. * Near-zero drift over temperature and time. * Elimination of $1/f$ noise (flicker noise), making it ideal for low-frequency sensor measurements. #### B. Adjustable Gain Unlike fixed-gain amplifiers, the AD8553 allows the user to set the gain using two external resistors ($R_1$ and $R_2$). This provides flexibility for various input signal scales. #### C. Shutdown Capability The device includes a shutdown pin (SD). When pulled high, it reduces the supply current to less than 2 μA, making it suitable for battery-powered portable electronics. #### D. Rail-to-Rail Output The output can swing very close to the supply rails, maximizing the dynamic range, especially when working with low-voltage ADCs (Analog-to-Digital Converters). --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **RG1** | Gain Resistor Connection 1 | | 2 | **-IN** | Inverting Input | | 3 | **+IN** | Non-Inverting Input | | 4 | **V-** | Negative Power Supply | | 5 | **REF** | Reference Pin (Sets output offset) | | 6 | **OUT** | Amplifier Output | | 7 | **V+** | Positive Power Supply | | 8 | **SD** | Shutdown Control (Active High) | --- ### 4. Typical Applications * **Medical Instrumentation:** ECG/EKG monitors and blood pressure sensors. * **Precision Bridges:** Load cells, strain gauges, and pressure sensors. * **Thermocouple Amplifiers:** Measuring micro-volt changes in temperature sensors. * **Battery Monitoring:** High-side current sensing in portable devices. --- ### 5. Part Number Breakdown: AD8553ARMZ-R2 * **AD8553:** Base model number. * **A:** Performance grade. * **RM:** Package code for MSOP (Mini Small Outline Package). * **Z:** RoHS compliant (Lead-free). * **R2:** Reel size/quantity (typically indicates a 250-piece 7-inch reel).
    ✨ Follow-up Questions
    • ⤷What is the formula to calculate the gain for the AD8553 using external resistors?
    • ⤷ How does the Zero-Drift architecture compare to traditional Chopper-Stabilized amplifiers?
    • ⤷ What are the layout recommendations to maintain high precision for this MSOP-8 package?