データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8569ARM-R2

  • AI
    ## AD8569ARM-R2: Overview and Technical Specifications The **AD8569ARM-R2** is a high-performance, quad-channel operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for low-voltage, low-power applications where rail-to-rail input and output capabilities are essential. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AD8569: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad Op-Amp) | | **Supply Voltage (Single)** | 2.7 V to 16 V | | **Supply Voltage (Dual)** | ±1.35 V to ±8 V | | **Gain Bandwidth Product** | 5 MHz | | **Slew Rate** | 3 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Rail-to-Rail** | Input and Output | | **Package Type** | MSOP-8 / MSOP-10 (depending on variant) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Rail-to-Rail Input/Output (RRIO):** The amplifier can handle input signals that extend to both the positive and negative supply rails. The output can also swing very close to the rails, maximizing the dynamic range in low-voltage systems. * **Low Input Bias Current:** Utilizing CMOS technology, it features extremely low input bias currents (picoampere range), making it ideal for high-impedance sensor interfaces and photodiode amplifiers. * **Single-Supply Operation:** It is optimized for modern battery-powered electronics that operate on 3V or 5V rails without requiring a negative power supply. * **Wide Temperature Range:** The automotive-grade temperature rating ensures stability in harsh environments. --- ### 3. Applications The AD8569ARM-R2 is commonly integrated into the following systems: 1. **Portable Instrumentation:** Due to its low power consumption and small MSOP footprint. 2. **Sensor Buffering:** Used for interfacing with pH sensors, piezoelectric sensors, and other high-impedance sources. 3. **Active Filters:** Suitable for low-frequency and audio-frequency active filter designs. 4. **ASIC Input/Output Buffers:** Often used to drive the inputs of Analog-to-Digital Converters (ADCs). --- ### 4. Part Number Breakdown: AD8569ARM-R2 * **AD8569:** The base model number for this specific quad CMOS op-amp family. * **ARM:** Indicates the package style (MSOP - Micro Small Outline Package). * **R2:** Refers to the "Reel" size or shipping format (typically a 7-inch reel containing 250 or 500 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8569 and the AD8567?
    • ⤷ How does the low input bias current affect high-impedance circuit design?
    • ⤷ Can the AD8569 be used in automotive safety applications?