データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AD8601WARTZ-R7

  • AI
    The **AD8601WARTZ-R7** is a high-precision, low-power, CMOS operational amplifier (op-amp) manufactured by Analog Devices. It is part of a series (AD8601/AD8602/AD8604) known for its rail-to-rail input and output capabilities. --- ### ## Key Specifications and Features | Feature | Specification | | :--- | :--- | | **Op-Amp Type** | CMOS, Low Offset, Rail-to-Rail I/O | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Range)** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 8 MHz | | **Input Offset Voltage** | 500 µV (Maximum) | | **Slew Rate** | 6 V/µs | | **Package / Case** | SOT-23-5 (W suffix indicates Automotive grade) | | **Operating Temperature** | -40°C to +125°C | --- ### ### Technical Breakdown #### 1. Rail-to-Rail Input and Output The AD8601 can handle input signals that go all the way to the supply rails (Ground and VCC) without distortion. Similarly, the output can swing very close to the rails, maximizing the dynamic range in low-voltage systems. #### 2. Automotive Qualification (The "W" Grade) The **W** in the part number indicates that this component is **Automotive Qualified**. It is manufactured on a specialty flow and is AEC-Q100 qualified, making it suitable for high-reliability environments like automotive engine control units (ECUs) or safety systems. #### 3. Low Input Bias Current Because it is a CMOS-based amplifier, it has extremely low input bias currents (typically around 1 pA). This makes it ideal for applications involving high-impedance sensors, such as photodiode preamps or pH probes. #### 4. Packaging and Delivery - **SOT-23-5:** A small surface-mount package with 5 pins. - **R7:** Indicates the tape and reel size (7-inch reel containing 3,000 units). --- ### ### Common Applications - **Automotive Systems:** Battery monitoring, current sensing, and sensor signal conditioning. - **Portable Devices:** Due to low power consumption (750 µA per amplifier). - **Audio Processing:** Low noise and high bandwidth make it suitable for active filters. - **Data Acquisition:** Buffering for Analog-to-Digital Converters (ADCs). --- ### ### Pin Configuration (SOT-23-5) ```text _____ Out |1 5| V+ V- |2 | In+ |3 4| In- ------- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8601 and the AD8602?
    • ⤷ How does 'Rail-to-Rail' functionality improve signal-to-noise ratios in 3.3V systems?
    • ⤷ Can this op-amp be used with a dual +/- 2.5V power supply?